Electronic Components Datasheet Search
  English  ▼

X  

LT581X Datasheet(PDF) 13 Page - Analog Devices

Part # LT581X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT581X Datasheet(HTML) 13 Page - Analog Devices

Back Button LT581X Datasheet HTML 9Page - Analog Devices LT581X Datasheet HTML 10Page - Analog Devices LT581X Datasheet HTML 11Page - Analog Devices LT581X Datasheet HTML 12Page - Analog Devices LT581X Datasheet HTML 13Page - Analog Devices LT581X Datasheet HTML 14Page - Analog Devices LT581X Datasheet HTML 15Page - Analog Devices LT581X Datasheet HTML 16Page - Analog Devices LT581X Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2879X
13
Rev 0
For more information www.analog.com
Figure 10. The LTC2879X Balanced Signal Threshold
Voltages Preserve the Duty Cycle of an Incoming Signal.
The Differential Signal Received (Top) Has a Duty Cycle of
50%, and Is Reflected in the Receiver Output, RO (Bottom)
+200mV
–200mV
0
VTS+
VTS–
–120mV
+120mV
RO
(A–B)
LTC2879X - BALANCED THRESHOLDS
2879X F10
APPLICATIONS INFORMATION
In contrast to this, some RS485 receivers have an unbal-
anced receiver threshold, used to address failsafe condi-
tions (see Failsafe Operation section). That is, the rising
and falling differential signal thresholds are both negative.
Figure 11 illustrates an example where the rising thresh-
old is –75mV and falling threshold is –120mV. This has
two disadvantages. First, the hysteresis is only 45mV in
this example, reducing the tolerance to noise, compared
to the 240mV of hysteresis in the LTC2879X. Secondly,
these unbalanced thresholds cause a duty cycle or pulse
width distortion at the receiver output relative to the input
signal. Figure 11 illustrates how a competitor part, using
the negative thresholds in this example introduces a duty
cycle distortion that becomes increasingly worse with low
input signal levels and slow input edge rates.
Figure 11. Typical Competitor Unbalanced Signal Threshold
Voltages Distort the Duty Cycle of an Incoming Signal. Input
Is 50% Duty Cycle (Top) but the Receiver Output Is Not 50%
Duty Cycle (Bottom)
+200mV
–200mV
0
VTS+
VTS–
–120mV
–75mV
RO
(A–B)
UNBALANCED THRESHOLDS
2879X F11
Failsafe Operation
The LTC2879X has a failsafe feature that guarantees the
receiver output will be in a logic 1 state (the idle state)
when the inputs are shorted, left open, or terminated but
not driven for more than about 1.5µs. This failsafe feature
is guaranteed to work for inputs spanning the entire com-
mon mode range of –25V to +25V.
Failsafe operation is performed with a window compara-
tor to determine when the differential input voltage falls
between the rising and falling signal thresholds (VTS+,
and VTS–). If this condition persists for more than about
1.5µs then the receiver switches over to using the failsafe
thresholds (VTFS–, VTFS+), as illustrated in Figure 12 . The
delay allows normal data signals to transition through the
threshold region without being interpreted as a failsafe
condition, and thus maintaining the benefits of a balanced
threshold receiver.
SHUTDOWN MODE DELAY
The LTC2879X features a low power shutdown mode that
is entered when both the driver and receiver are simulta-
neously disabled (pin DE low and RE high). A shutdown
mode delay of approximately 250ns (not tested in pro-
duction) is imposed after the state is received before the
chip enters shutdown. If either DE goes high or RE goes
low during this delay, the delay timer is reset and the
chip does not enter shutdown. This reduces the chance
of accidentally entering shutdown if DE and RE are driven
in parallel by a slowly changing signal or if DE and RE are
Figure 12. The LTC2879X Signal Thresholds (VTS–, VTS+)
and Failsafe Thresholds (VTFS–, VTFS+)
(A–B)
2879X F12
RO
–200mV
+200mV
0
–75mV
–120mV
+120mV
∆VTS
VTS–,VTFS– VTFS+
VTS+
∆VTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com