Electronic Components Datasheet Search
  English  ▼

X  

LT581X Datasheet(PDF) 17 Page - Analog Devices

Part # LT581X
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT581X Datasheet(HTML) 17 Page - Analog Devices

Back Button LT581X Datasheet HTML 10Page - Analog Devices LT581X Datasheet HTML 11Page - Analog Devices LT581X Datasheet HTML 12Page - Analog Devices LT581X Datasheet HTML 13Page - Analog Devices LT581X Datasheet HTML 14Page - Analog Devices LT581X Datasheet HTML 15Page - Analog Devices LT581X Datasheet HTML 16Page - Analog Devices LT581X Datasheet HTML 17Page - Analog Devices LT581X Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
LTC2879X
17
Rev 0
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTC2879X#packaging for the most recent package drawings.
MS8E Package
8-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1662 Rev K)
MSOP (MS8E) 0213 REV K
0.53
±0.152
(.021
±.006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
6. EXPOSED PAD DIMENSION DOES INCLUDE MOLD FLASH. MOLD FLASH ON E-PAD
SHALL NOT EXCEED 0.254mm (.010") PER SIDE.
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.86
(.034)
REF
0.65
(.0256)
BSC
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
1 2 3 4
4.90
±0.152
(.193
±.006)
8
8
1
BOTTOM VIEW OF
EXPOSED PAD OPTION
7 6 5
3.00
±0.102
(.118
±.004)
(NOTE 3)
3.00
±0.102
(.118
±.004)
(NOTE 4)
0.52
(.0205)
REF
1.68
(.066)
1.88
(.074)
5.10
(.201)
MIN
3.20 – 3.45
(.126 – .136)
1.68
±0.102
(.066
±.004)
1.88
±0.102
(.074
±.004)
0.889
±0.127
(.035
±.005)
RECOMMENDED SOLDER PAD LAYOUT
0.65
(.0256)
BSC
0.42
±0.038
(.0165
±.0015)
TYP
0.1016
±0.0508
(.004
±.002)
DETAIL “B”
DETAIL “B”
CORNER TAIL IS PART OF
THE LEADFRAME FEATURE.
FOR REFERENCE ONLY
NO MEASUREMENT PURPOSE
0.05 REF
0.29
REF
MS8E Package
8-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1662 Rev K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com