Electronic Components Datasheet Search
  English  ▼

X  

IRHM9130 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM9130
Description  RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9130 Datasheet(HTML) 3 Page - International Rectifier

  IRHM9130 Datasheet HTML 1Page - International Rectifier IRHM9130 Datasheet HTML 2Page - International Rectifier IRHM9130 Datasheet HTML 3Page - International Rectifier IRHM9130 Datasheet HTML 4Page - International Rectifier IRHM9130 Datasheet HTML 5Page - International Rectifier IRHM9130 Datasheet HTML 6Page - International Rectifier IRHM9130 Datasheet HTML 7Page - International Rectifier IRHM9130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRHM9130
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100KRads(Si)1
300K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-100
—
-100
—
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
—
-100
—
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
100
—
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
—
-25
—
-25
µA
VDS=-80V, VGS =0V
RDS(on)
Static Drain-to-Source
➃
—
0.3
—
0.3
Ω
VGS = -12V, ID =-7.0A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
➃
—
0.3
—
0.3
Ω
VGS = -12V, ID =-7.0A
On-State Resistance (TO-254AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part number IRHM9130
2. Part number IRHM93130
Fig a. Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
For footnotes refer to the last page
VSD
Diode Forward Voltage
➃
—
-3.0
—
- 3.0
V
VGS = 0V, IS = -11A
-120
-100
-80
-60
-40
-20
0
0
5
10
15
20
VGS
Cu
Br
I
n
o
I
T
E
L
)
)
²
m
c
/
g
m
(
/
V
e
M
y
g
r
e
n
E
)
V
e
M
(
e
g
n
a
R
)
m
µ
(
)
V
(
S
D
V
V
0
=
S
G
V
@V
5
=
S
G
V
@V
0
1
=
S
G
V
@V
5
1
=
S
G
V
@V
0
2
=
S
G
V
@
u
C8
25
8
23
40
0
1
-0
0
1
-0
0
1
-0
7
-0
6
-
r
B8
.
6
35
0
39
30
0
1
-0
0
1
-0
7
-0
5
-0
4
-
I9
.
9
55
4
38
.
2
30
6
-
———
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com