Electronic Components Datasheet Search
  English  ▼

X  

IRHM9130 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM9130
Description  RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9130 Datasheet(HTML) 1 Page - International Rectifier

  IRHM9130 Datasheet HTML 1Page - International Rectifier IRHM9130 Datasheet HTML 2Page - International Rectifier IRHM9130 Datasheet HTML 3Page - International Rectifier IRHM9130 Datasheet HTML 4Page - International Rectifier IRHM9130 Datasheet HTML 5Page - International Rectifier IRHM9130 Datasheet HTML 6Page - International Rectifier IRHM9130 Datasheet HTML 7Page - International Rectifier IRHM9130 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C
Continuous Drain Current
-11
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-7.0
IDM
Pulsed Drain Current ➀
-44
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
190
mJ
IAR
Avalanche Current ➀
-11
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-10
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in. (1.6mm) from case for 10s)
Weight
9.3 (typical)
g
PD - 90888C
Pre-Irradiation
International Rectifier’s RAD-Hard HEXFETTM technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rds(on) and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
02/18/03
www.irf.com
1
TO-254AA
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHM9130
100K Rads (Si)
0.3
Ω
-11A
IRHM93130
300K Rads (Si)
0.3
Ω
-11A
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n LowTotal Gate Charge
n Proton Tolerant
n SimpleDriveRequirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
For footnotes refer to the last page
RADIATION HARDENED
IRHM9130
POWER MOSFET
100V, P-CHANNEL
THRU-HOLE (TO-254AA)
RAD-Hard
™ HEXFET
®
TECHNOLOGY


Similar Part No. - IRHM9130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9130 IRF-IRHM9130 Datasheet
136Kb / 8P
Simple Drive Requirements
IRHM9130 IRF-IRHM9130_15 Datasheet
136Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM9130

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS913A0D INTERSIL-FSS913A0D Datasheet
56Kb / 8P
10A, -100V, 0.280 Ohm, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
June 1999
JANSR2N7281 INTERSIL-JANSR2N7281 Datasheet
49Kb / 7P
Radiation Hardened, N-Channel Power MOSFET
November 1998
logo
International Rectifier
IRHNA67160 IRF-IRHNA67160 Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2), 100V, N-CHANNEL
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHQ597110 IRF-IRHQ597110 Datasheet
181Kb / 8P
RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28) 100V, Quad P-CHANNEL
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
Solid States Devices, I...
SFFR9160N SSDI-SFFR9160N Datasheet
242Kb / 2P
RADIATION HARDENED P-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com