Electronic Components Datasheet Search
  English  ▼

X  

MU-2W Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # MU-2W
Description  2W UNREGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-2W Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  MU-2W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/19
2
 SELECTION GUIDE
2W OUTPUT
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
INPUT6
CURRENT(mA)
EFF
(%)7
ISOLATION
(VDC)
FULL
LOAD
NO
LOAD
MUS-0505-2W
5
5
400
520
55
77
1500
MUS-0512-2W
5
12
167
500
55
80
1500
MUS-0515-2W
5
15
133
488
55
82
1500
MUS-1205-2W
12
5
400
214
16
78
1500
MUS-1212-2W
12
12
167
207
16
81
1500
MUS-1215-2W
12
15
133
203
16
82
1500
MUS-2405-2W
24
5
400
107
15
78
1500
MUS-2412-2W
24
12
167
103
15
81
1500
MUS-2415-2W
24
15
133
101
15
82
1500
Note: Other input to output voltages may be available. Please contact factory.
6 NOMINAL INPUT VOLTAGE.
7 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com