Electronic Components Datasheet Search
  English  ▼

X  

MU-2W Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # MU-2W
Description  2W UNREGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

MU-2W Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  MU-2W Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. MU-2W Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DANUBE
http://www.danube.com.tw
2019/12/19
3
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
1
-Vin
2
+Vin
3
-Vout
4
+Vout
NOTE : All dimensions are in mm [inches]
1. Pin Size is 0.50x0.
30mm[0.02x0.01”]
2. Pin is Tolerance .XX= ±0.05mm
3. Tolerance .X
or
.XX= ±0.5mm
1 2 3 4
0.8 +0.2/-0
Φ
GRID:2.54 mm
TOP VIEW
 SIMPLIFIED SCHEMATIC
-Vin
+Vin
+Vout
-Vout
OSCILLATOR
DRIVER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com