Electronic Components Datasheet Search
  English  ▼

X  

TBP Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # TBP
Description  Non-contact Infrared Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

TBP Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  TBP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TB(P) Series Specification
Non-contact Infrared Temperature Sensor
Page
4 of 5
1.0.0
Timing
The TB(P) meets all the timing specifications of the SMBus. The maximum frequency
of the TB(P) SMBus is 100KHz and the minimum is 10KHz.
The specific timings in TB(P)’s SMBus are:
Timeout L is the maximum allowed time for SCL to be low during communication.
After this time the TB(P) will reset its communication block and will be ready for new
communication – not more than 27ms;
Timeout H is the maximum allowed time for SCL to be high during communication.
After this time TB(P) will reset its communication block assuming that the bus is idle
(according to the SMBus specification) – not more than 45μs.
Tsuac(SD) is the time after the eighth falling edge of SCL that TB(P) will force SDA
low to acknowledge the last received byte – not more than 2.5μs.
Thdac(SD) is the time after the ninth falling edge of SCL that TB(P) will release the
SDA (so the MD can continue with the communication) – not more than 1.5μs.
Tsuac(MD) is the time after the eighth falling edge of SCL that TB(P) will release
SDA (so that the MD can acknowledge the last received byte) – not more than 1.5μs.
Thdac(MD) is the time after the ninth falling edge of SCL that TB(P) will take control
of the SDA (so it can continue with the next byte to transmit) – not more than 1.5μs.
The indexes MD and SD for the latest timings are used – MD when the master device
is making acknowledge; SD when the slave device is making acknowledge.
SMBus timing
Bit transfer
Bit transfer on SMBus
The data on SDA must be changed when SCL is low (min 300ns after the falling edge
of SCL). The data is fetched by both MD and SDs on the rising edge of the SCL.
Products handling precaution
※ When it comes to dust removal by air, the best method is to use a blower, and
to avoid using compressed air.
※ Do not press the lens with your hands or any other object.
※ Do not scratch the lens surface with sharp objects.
※ Voluntary disassembly and modification of the product is prohibited.
※ Avoid direct sunlight, chemical substance, heat or fire.
※ Water resistance is not guaranteed.
Tutorial 1(Arduino UNO - TB(P)-I2C-H08)
- Requirements
Hardware: Arduino Uno, TB(P) series Sensor
Software: Arduino IDE.
- Connection Diagram
-
TB-I2C-H08
-
TBP-I2C-H08
- Sample code
https://www.diwellshop.com/web/en/TB/TB_example.zip
- Expected Results.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com