Electronic Components Datasheet Search
  English  ▼

X  

TBP Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # TBP
Description  Non-contact Infrared Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

TBP Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  TBP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TB(P) Series Specification
Non-contact Infrared Temperature Sensor
Page
1 of 5
1.0.0
Ordering Information
TB□ - I2C - H◇◇
package code
P
pcb type
sensor only
lens code
FOV
04
3.814°
08
7.16°
* TB-I2C-H04: Sensor only, FOV=3.814°
* TBP-I2C-H08: pcb type, FOV=7.16°
Product Specifications
laboratory temperature conditions: 25℃.
Parameter
min
Typ
Max
Unit
Supply voltage
TB
2.4
3.3
3.6
V
TBP
3
3.3
5
V
Supply current
1.2
mA
Filter type
F5.5 (LWP cut on 5.5㎛)
Object temperature range
-20
380
℃
Operating temperature
-20
70
℃
IR refresh rate
10
Hz
Accuracy(*)
±2
%
Resolution digital
0.01
℃
Emission coefficient
0.1
0.97
1.0
Standard start-up time
200
ms
Stabilization time
1
min
SCL frequency
10
100
KHz
Weight
TB
H04: 1.83g , H08: 1.60g
TBP (without pin header)
H04: 2.25g , H08: 2.12g
Communication interface
I2C
Relative humidity
95% Max. non-condensing
*: ±2% of reading or ±2℃ whichever is greater.
Accuracy is only effective if the object is fully covered by the
sensor's FOV and applicable to stable temperature conditions.
Dimensions / Pin Configuration
unit: mm
- TB series
Bottom view
TB-I2C-H08
TB-I2C-H04
- TBP series
Top view
TBP-I2C-H08
TBP-I2C-H04
No.
TB series
TBP series
1
SCL
VIN(3~5V)
2
SDA
GND
3
3.3V
SCL
4
GND
SDA
Calculate Field of View
The FOV determines the size of the infrared measurement area
according to the distance.
unit: mm
Angle
FOV
7.16°
2 ⅹ tan( 7.16
° 2) ⅹ distance(mm) + 6.75 (mm)
3.814°
2 ⅹ tan( 3.814
° 2) ⅹ distance(mm) + 8 (mm)
Accessories
2.54mm pitch pin header
(TBP series only)
1 pc


Similar Part No. - TBP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TBP-154 MINI-TBP-154 Datasheet
433Kb / 3P
Bandpass Filter
TBP-154+ MINI-TBP-154+ Datasheet
433Kb / 3P
Bandpass Filter
logo
DIWELL Electronics Co.,...
TBP-I2C-H04 DIWELL-TBP-I2C-H04 Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
1.0.0
TBP-I2C-H08 DIWELL-TBP-I2C-H08 Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
1.0.0
logo
Adam Technologies, Inc.
TBP-XX-01-B ADAM-TECH-TBP-XX-01-B Datasheet
111Kb / 1P
CENTRAL LINE BARRIER BLOCK VERTICAL
More results

Similar Description - TBP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
403265 EXTECH-403265 Datasheet
87Kb / 8P
Non-Contact Infrared Thermometer
logo
TOCOSAMERICA, INC.
RSC24 TOCOS-RSC24 Datasheet
541Kb / 2P
NON-CONTACT ANGLE SENSOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G Datasheet
788Kb / 3P
Compact Non-contact Infrared Thermometer
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N Datasheet
1Mb / 5P
Compact Non-contact Infrared Thermometer
1.0.1 2022. 7. 14.
TB-SERIES DIWELL-TB-SERIES Datasheet
1Mb / 5P
Non-contact Infrared Temperature Sensor
1.0.0
DTPA-UART-3232 DIWELL-DTPA-UART-3232 Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
1.0.0
DTP DIWELL-DTP Datasheet
1Mb / 3P
Non-contact Infrared Temperature Sensor
1.0.1.
DTPA-UART DIWELL-DTPA-UART Datasheet
1Mb / 3P
Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
Ver1.0
DTPA-UART-0808S DIWELL-DTPA-UART-0808S Datasheet
1Mb / 3P
Non-contact 8x8 Pixel Infrared Temperature Sensor
Version 1.0.0
DTPA-UART-1616S DIWELL-DTPA-UART-1616S Datasheet
988Kb / 3P
Non-contact 16x16 Pixel Infrared Temperature Sensor
Version 1.0.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com