Electronic Components Datasheet Search
  English  ▼

X  

CAR Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # CAR
Description  2W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CAR Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  CAR Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DANUBE
http://www.danube.com.tw
2011/08/23
15-4
 TYPICAL PERFORMANCE CURVES
Specifications typical at ta=25
OC,nominal input voltage , rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
OUTPUT LOAD VS OUTPUT VOLTAGE
0%
20%
40%
60%
80%
0%
20%
40%
60%
80% 100%
OUTPUT LOAD(%)
-10%
-5%
0%
5%
10%
0%
20% 40%
60%
80% 100%
OUTPUT LOAD(%)
TEMPERATURE DERATING
INPUT VOLTAGE VS EFFICIENCY
0%
25%
50%
75%
100%
125%
-25
0
25
50
70
100
TA(degree C)
0%
20%
40%
60%
80%
100%
-10
-5
Nom
5
10
INPUT VOLTAGE(%)
 INPUT FUSE SELECTION GUIDE
4.5-5.5V
INPUT VOLTAGE(VDC)
10.8-13.2V
INPUT VOLTAGE(VDC)
21.6-30.8V
INPUT VOLTAGE(VDC)
43.2-52.8V
INPUT VOLTAGE(VDC)
1200mA Slow-Blow Type
400mA Slow-Blow Type
250mA Slow-Blow Type
100mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vin
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.
SAFE
OPERATING
AREA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com