Electronic Components Datasheet Search
  English  ▼

X  

CAR Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # CAR
Description  2W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CAR Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  CAR Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CAR Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2011/08/23
15-2
 SELECTION GUIDE
2W OUTPUT
INPUT
7
CURRENT(mA)
MODEL
NUMBER
6
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
8
ISOLATION
(VDC)
CARS-0505(M)
4.5-5.5
5
400
727
64
55
1500
CARS-0509(M)
4.5-5.5
9
222
635
50
63
1500
CARS-0512(M)
4.5-5.5
12
167
615
50
65
1500
CARS-0515(M)
4.5-5.5
15
133
625
50
64
1500
CARD-0505(M)
4.5-5.5
+/-5
+/-200
696
70
57
1500
CARD-0512(M)
4.5-5.5
+/-12
+/-84
680
63
59
1500
CARD-0515(M)
4.5-5.5
+/-15
+/-67
641
80
62
1500
CARS-1205(M)
10.8-13.2
5
400
273
20
61
1500
CARS-1209(M)
10.8-13.2
9
222
265
20
63
1500
CARS-1212(M)
10.8-13.2
12
167
252
20
66
1500
CARS-1215(M)
10.8-13.2
15
133
242
20
69
1500
CARD-1205(M)
10.8-13.2
+/-5
+/-200
273
20
61
1500
CARD-1212(M)
10.8-13.2
+/-12
+/-84
270
40
62
1500
CARD-1215(M)
10.8-13.2
+/-15
+/-67
257
38
65
1500
CARS-2405(M)
21.6-26.4
5
400
132
13
63
1500
CARS-2409(M)
21.6-26.4
9
222
126
20
66
1500
CARS-2412(M)
21.6-26.4
12
167
121
13
69
1500
CARS-2415(M)
21.6-26.4
15
133
121
13
69
1500
CARD-2405(M)
21.6-26.4
+/-5
+/-200
132
13
63
1500
CARD-2412(M)
21.6-26.4
+/-12
+/-84
129
16
65
1500
CARD-2415(M)
21.6-26.4
+/-15
+/-67
132
16
63
1500
CARS-2805(M)
25.2-30.8
5
400
114
13
63
1500
CARS-4805(M)
43.2-52.8
5
400
66
8
63
1500
CARS-4809(M)
43.2-52.8
9
222
63
8
66
1500
CARS-4812(M)
43.2-52.8
12
167
60
8
69
1500
CARS-4815(M)
43.2-52.8
15
133
60
8
69
1500
CARD-4805(M)
43.2-52.8
+/-5
+/-200
66
8
63
1500
CARD-4812(M)
43.2-52.8
+/-12
+/-84
60
8
69
1500
CARD-4815(M)
43.2-52.8
+/-15
+/-67
66
8
63
1500
Note: Other input to output voltages may be available. Please contact factory.
6 CAR*-**** ------ Non-Conductive Plastic
CAR*-****M ------ Five -sided shield case
7 NOMINAL INPUT VOLTAGE.
8 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com