Electronic Components Datasheet Search
  English  ▼

X  

MAX25255 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX25255
Description  Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25255 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX25255 Datasheet HTML 9Page - Analog Devices MAX25255 Datasheet HTML 10Page - Analog Devices MAX25255 Datasheet HTML 11Page - Analog Devices MAX25255 Datasheet HTML 12Page - Analog Devices MAX25255 Datasheet HTML 13Page - Analog Devices MAX25255 Datasheet HTML 14Page - Analog Devices MAX25255 Datasheet HTML 15Page - Analog Devices MAX25255 Datasheet HTML 16Page - Analog Devices MAX25255 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Dual 36V Input Voltage, 8A
Synchronous Buck Converters with
Multiphase Capability and ASIL B
Safety Level
MAX25254/MAX25255
www.analog.com
Analog Devices | 13
11
LX1
Buck1 Inductor Connection. Connect an inductor from LX1 to the Buck1 output. LX1 is high impedance
when Buck1 is disabled.
12
BST1
Integrated High-Side MOSFET Gate Drive Supply. Connect a 0.1µF ceramic capacitor between BST2
and LX2 for proper operation.
13
EN1
Enable Input for Buck1. Drive EN1 high/low to enable/disable Buck1. EN1 can be connected directly to
the battery for always-ON applications.
14
SYNCOUT
90° Out-of-Phase Clock Output. Connect SYNCOUT of the primary IC to SYNC of the secondary IC for
quad-phase operation. Multiphase operation is designed for PWM mode. No clock is present on
SYNCOUT in skip mode or with external clock synchronization.
15
PGOOD1
Buck1 Open-Drain Power-Good Output. Connect PGOOD1 to BIAS or an external voltage rail with a
pull-up resistor. PGOOD1 is pulled to ground during startup, Buck1 output undervoltage, or overvoltage.
16
OUT1/FB1
Buck1 Output Sense/Feedback Input. In the fixed output version, connect OUT1 to the Buck1 output to
set the fixed output voltage. In the adjustable output version, connect FB1 to a resistor-divider between
the Buck1 output and AGND to program the output voltage between 0.8V and 14V. FB1 is regulated to
0.8V (typ) in the adjustable version.
17
TEMP
Die Temperature Monitoring Node. The voltage at TEMP is proportional to the IC die temperature.
18
VEA
Error Amplifier Output for Multiphase Operation. When two MAX25255 ICs are used in parallel for 4-
phase operation, tie both VEA nodes together for phase balancing. Leave VEA open in single-IC
operation.
19
AGND
Analog Ground. All of the sensitive analog signals are internally referenced to analog ground. Care must
be taken during layout to ensure that AGND is routed in the quiet section of the PCB.
20
BIAS
Internal Linear Regulator Output. Bypass BIAS with a 4.7µF (min) capacitor to AGND. BIAS supplies the
internal gate drive circuitry and is not for external use.
21
EXTVCC
Switchover Input. When valid voltage is present at EXTVCC, EXTVCC supplies the internal BIAS LDO
after soft-start is complete. If the EXTVCC voltage is not valid, or it is tied to ground, the BIAS LDO is
supplied by SUP1. Bypass EXTVCC with a 2.2µF ceramic capacitor.
22
OUT2/FB2
Buck2 Output Sense/Feedback Input. In the fixed output version, connect OUT2 to the Buck2 output to
set the fixed output voltage. In the adjustable output version, connect FB2 to a resistor-divider between
the Buck2 output and AGND to program the output voltage between 0.8V and 14V. FB2 is regulated to
0.8V (typ) in the adjustable output version.
23
PGOOD2
Buck2 Open-Drain Power-Good Output. Connect PGOOD2 to BIAS or an external voltage rail with a
pull-up resistor. PGOOD2 is pulled to ground during startup, Buck2 output undervoltage, or overvoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com