Electronic Components Datasheet Search
  English  ▼

X  

MAX25255 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX25255
Description  Dual 36V Input Voltage, 8A Synchronous Buck Converters with Multiphase Capability and ASIL B
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX25255 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX25255 Datasheet HTML 16Page - Analog Devices MAX25255 Datasheet HTML 17Page - Analog Devices MAX25255 Datasheet HTML 18Page - Analog Devices MAX25255 Datasheet HTML 19Page - Analog Devices MAX25255 Datasheet HTML 20Page - Analog Devices MAX25255 Datasheet HTML 21Page - Analog Devices MAX25255 Datasheet HTML 22Page - Analog Devices MAX25255 Datasheet HTML 23Page - Analog Devices MAX25255 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Dual 36V Input Voltage, 8A
Synchronous Buck Converters with
Multiphase Capability and ASIL B
Safety Level
MAX25254/MAX25255
www.analog.com
Analog Devices | 21
Dual-Phase Output Configuration: MAX25255, 2MHz, 3.3V
2
MAX25255DAFDA
EN2
BST2
LX2
NC
EN1
BST1
LX1
SYNCOUT
SYNC
5
1
7
3
8
6
4
9
10
11
12
14
NC
13
L1
0.47µH
L2
0.47µH
OUT
CBIAS
4.7µF
CEXTVCC
2.2µF
CBST1
0.1µF
OUT
OUT
OUT
COUT1
3 x 22µF
CIN1
0.1µF//4.7µF
CIN2
0.1µ//4.7µF
COUT2
3 x 22µF
CBST2
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com