Electronic Components Datasheet Search
  English  ▼

X  

ADP3336 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3336
Description  Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 4 Page - Analog Devices

  ADP3336 Datasheet HTML 1Page - Analog Devices ADP3336 Datasheet HTML 2Page - Analog Devices ADP3336 Datasheet HTML 3Page - Analog Devices ADP3336 Datasheet HTML 4Page - Analog Devices ADP3336 Datasheet HTML 5Page - Analog Devices ADP3336 Datasheet HTML 6Page - Analog Devices ADP3336 Datasheet HTML 7Page - Analog Devices ADP3336 Datasheet HTML 8Page - Analog Devices ADP3336 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UG-1047
EVAL-ADA4571-2 User Guide
Rev. 0 | Page 4 of 9
EVALUATION BOARD HARDWARE
The EVAL-ADA4571-2 end of shaft evaluation system
comprises of a PCB with the AD7266 ADC and an external
mountable magnetic stimulus.
The ADA4571-2 evaluation system can be powered directly
from the host PC USB, directly from an external bench supply,
or through the on-board 5 V regulator, the ADP3336.
To power the motherboard through an on-board 5 V reference,
apply 6 V to 12 V across P3 to P5 and configure the jumpers
accordingly. If the bench supply features current-limiting, it is
recommended to set the current limit to 100 mA as a precaution.
JUMPER CONFIGURATION
Refer to the ADA4571-2 motherboard schematic, see Figure 13, to
understand the purpose of each jumper.
Configure the P10 motherboard default jumper as follows:
•
Install a jumper on P10 between VBUS and BRD_SUPPLY
to power the evaluation board through the USB connection
at the PC.
•
Alternatively, install a jumper on P10 between BRD_SUPPLY
and _SUPPLY to power the evaluation board through the
external bench supply
DEVICE UNDER TEST (DUT) OUTPUTS
The outputs of the ADA4571-2 can be monitored at the test
points located on the Evaluation board.
All outputs from the ADA4571-2 are also sampled by the on-
board ADC and are available in the GUI.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com