Electronic Components Datasheet Search
  English  ▼

X  

ADP3336 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3336
Description  Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3336 Datasheet(HTML) 7 Page - Analog Devices

  ADP3336 Datasheet HTML 1Page - Analog Devices ADP3336 Datasheet HTML 2Page - Analog Devices ADP3336 Datasheet HTML 3Page - Analog Devices ADP3336 Datasheet HTML 4Page - Analog Devices ADP3336 Datasheet HTML 5Page - Analog Devices ADP3336 Datasheet HTML 6Page - Analog Devices ADP3336 Datasheet HTML 7Page - Analog Devices ADP3336 Datasheet HTML 8Page - Analog Devices ADP3336 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EVAL-ADA4571-2 User Guide
UG-1047
Rev. 0 | Page 7 of 9
Vsin vs Vcos
The Vsin vs Vcos graph is another way to visualize the electrical
angle from the ADA4571-2. However, there is more information
given in Figure 10, showing the radius of the output values which
can give further diagnostic information to system. As long as
the sensor is fully saturated, or the applied magnetic field strength
exceeds 25 kA/m, the radius value remains unchanged at a constant
temperature. As the AMR effect is smaller at high temperatures
the radius value changes with respect to temperature. See the
ADA4571-2 data sheet for the temperature coefficient values for
the output amplitude for the VSINx and VCOSx channels.
Figure 10. Vsin vs Vcos Graph
Digital Inputs
Four digital inputs on the ADA4571-2 can be toggled using the
Digital Inputs buttons.
The power-down button for each channel puts the devices into
a low power state by disabling the internal circuitry for that channel
and placing the outputs into a high impedance mode. See the
ADA4571-2 data sheet for the power-down current per channel
in the device. The power-down function of each channel can be
toggled separately.
The Gain Control 1 Disabled and Gain Control 2 Disabled
buttons put the device into the gain control mode (see Figure 11).
This mode alters bridge supply voltage based on the internal
temperature value of the device.
Through this mode, the output amplitude temperature coefficient
of the ADA4571-2 reduces. See the ADA4571-2 data sheet for
output amplitude vs. temperature with the gain control enabled
and disabled.
Figure 11. Digital Inputs Pane
Offset Calibration
An offset calibration is required to maximize the accuracy of
the ADA4571-2. The VSIN1, VCOS1, VSIN2, and VCOS2 channels have
inherent voltage offsets due to resistor mismatch within the
AMR sensor bridges. See the ADA4571-2 data sheet offset
voltage ranges for the outputs.
There are a few methods that can null the offsets for the outputs. To
run an offset calibration on Channel 1, click Run Cal CH1 (see
Figure 12). Once clicked, rotate the magnetic stimulus slowly
through an entire mechanical rotation. This ensures the maximum
and minimum output voltages are found for each channel.
Figure 12. Offset Calibration Pane



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com