Electronic Components Datasheet Search
  English  ▼

X  

CW Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  CW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
5
SELECTION GUIDE(4)
2:1 4W-6W OUTPUT 1500VDC ISOLATION
INPUT
13
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
14
ISOLATION
(VDC)
CWS-0505(AB)5M
4.5-9
5
800
1081
40
74
1500
CWS-0512(AB)5M
4.5-9
12
333
1066
40
75
1500
CWS-0515(AB)5M
4.5-9
15
267
1068
40
75
1500
CWD-0505(AB)5M
4.5-9
+/-5
+/-400
1125
40
71
1500
CWD-0512(AB)5M
4.5-9
+/-12
+/-167
1073
120
75
1500
CWD-0515(AB)5M
4.5-9
+/-15
+/-133
1060
100
75
1500
CWS-1203.3(AB)5M
9-18
3.3
1200
438
40
75
1500
CWS-1205(AB)5M
9-18
5
1000
556
40
75
1500
CWS-1209(AB)5M
9-18
9
556
520
40
80
1500
CWS-1212(AB)5M
9-18
12
470
587
40
80
1500
CWS-1215(AB)5M
9-18
15
400
617
41
81
1500
CWS-1224(AB)5M
9-18
24
208
520
41
80
1500
CWD-1205(AB)5M
9-18
+/-5
+/-500
556
40
75
1500
CWD-1209(AB)5M
9-18
+/-9
+/-280
525
20
80
1500
CWD-1212(AB)5M
9-18
+/-12
+/-230
585
40
79
1500
CWD-1215(AB)5M
9-18
+/-15
+/-190
586
48
81
1500
CWS-2403.3(AB)5M
18-36
3.3
1200
217
20
76
1500
CWS-2405(AB)5M
18-36
5
1000
270
20
77
1500
CWS-2409(AB)5M
18-36
9
556
257
20
81
1500
CWS-2412(AB)5M
18-36
12
470
292
22
80
1500
CWS-2415(AB)5M
18-36
15
400
301
21
83
1500
CWS-2424(AB)5M
18-36
24
208
260
21
80
1500
CWD-2405(AB)5M
18-36
+/-5
+/-500
270
20
77
1500
CWD-2412(AB)5M
18-36
+/-12
+/-230
279
20
82
1500
CWD-2415(AB)5M
18-36
+/-15
+/-190
286
21
83
1500
CWS-4803.3(AB)5M
36-72
3.3
1200
108
10
76
1500
CWS-4805(AB)5M
36-72
5
1000
135
10
77
1500
CWS-4809(AB)5M
36-72
9
556
130
9
80
1500
CWS-4812(AB)5M
36-72
12
470
142
9
83
1500
CWS-4815(AB)5M
36-72
15
400
154
10
81
1500
CWS-4824(AB)5M
36-72
24
208
130
10
80
1500
CWD-4805(AB)5M
36-72
+/-5
+/-500
135
10
77
1500
CWD-4812(AB)5M
36-72
+/-12
+/-230
144
12
80
1500
CWD-4815(AB)5M
36-72
+/-15
+/-190
146
10
81
1500
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
CWS-1205A5M (A PACKAGE 5W SINGLE OUTPUT)
CWD-1205B5M (B PACKAGE 5W DUAL OUTPUT)
13 NOMINAL INPUT VOLTAGE.
14 NOMINAL INPUT VOLTAGE, FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com