Electronic Components Datasheet Search
  English  ▼

X  

CW Datasheet(PDF) 20 Page - DIWELL Electronics Co., Ltd.

Part # CW
Description  3W-6W WIDE INPUT RANGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CW Datasheet(HTML) 20 Page - DIWELL Electronics Co., Ltd.

Back Button CW Datasheet HTML 16Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 17Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 18Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 19Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 20Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 21Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 22Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 23Page - DIWELL Electronics Co., Ltd. CW Datasheet HTML 24Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DANUBE
http://www.danube.com.tw
2013/9/6
20
RECOMMENDED FOOTPRINT DETAILS
PACKAGE "A"
PACKAGE "B"
2.54mm
23
9
11
16
14
TOP VIEW
22
23
2.54mm
23
1011
1514
TOP VIEW
22
23
1
24
12
13
PACKAGE “C”
PACKAGE “D”
2.54mm
210 11
15
TOP VIEW
23
1
24
12
13
2.54mm
2
10 11
15
TOP VIEW
23
1
24
12
13
14
PACKAGE "E"
PACKAGE "F"
2.54mm
2 39
11
16
14
TOP VIEW
22
23
2.54mm
2 310 11
1514
TOP VIEW
22
23
1
24
12
13
PACKAGE “P”
PACKAGE “T”
2.54mm
29 10 11
1514
TOP VIEW
16
23
1
24
12
13
2.54mm
29 10 11
1514
TOP VIEW
16
23
1
24
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com