Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2N3019
Description  NPN medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3019 Datasheet(HTML) 3 Page - NXP Semiconductors

  2N3019 Datasheet HTML 1Page - NXP Semiconductors 2N3019 Datasheet HTML 2Page - NXP Semiconductors 2N3019 Datasheet HTML 3Page - NXP Semiconductors 2N3019 Datasheet HTML 4Page - NXP Semiconductors 2N3019 Datasheet HTML 5Page - NXP Semiconductors 2N3019 Datasheet HTML 6Page - NXP Semiconductors 2N3019 Datasheet HTML 7Page - NXP Semiconductors 2N3019 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 19
3
Philips Semiconductors
Product specification
NPN medium power transistor
2N3019
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
140
V
VCEO
collector-emitter voltage
open base
−
80
V
VEBO
emitter-base voltage
open collector
−
7V
IC
collector current (DC)
−
1A
ICM
peak collector current
−
1A
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
800
mW
Tcase ≤ 25 °C
−
5W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
218
K/W
Rth j-c
thermal resistance from junction to case
35
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com