Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N3019
Description  NPN medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3019 Datasheet(HTML) 4 Page - NXP Semiconductors

  2N3019 Datasheet HTML 1Page - NXP Semiconductors 2N3019 Datasheet HTML 2Page - NXP Semiconductors 2N3019 Datasheet HTML 3Page - NXP Semiconductors 2N3019 Datasheet HTML 4Page - NXP Semiconductors 2N3019 Datasheet HTML 5Page - NXP Semiconductors 2N3019 Datasheet HTML 6Page - NXP Semiconductors 2N3019 Datasheet HTML 7Page - NXP Semiconductors 2N3019 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jun 19
4
Philips Semiconductors
Product specification
NPN medium power transistor
2N3019
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.01.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =90V
−
10
nA
IE = 0; VCB =90V; Tamb = 150 °C
−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−
10
nA
hFE
DC current gain
VCE = 10 V; note 1
IC = 0.1 mA
50
−
IC =10mA
90
−
IC = 150 mA
100
300
IC = 150 mA; Tcase = −55 °C40
−
IC = 500 mA
50
−
IC =1A
15
−
VCEsat
collector-emitter saturation voltage
IC = 150 mA; IB =15mA
−
200
mV
IC = 500 mA; IB = 50 mA; note 1
−
500
mV
VBEsat
base-emitter saturation voltage
IC = 150 mA; IB = 15 mA; note 1
−
1.1
V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
12
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz
−
60
pF
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 20 MHz
100
−
MHz
F
noise figure
IC = 0.1 mA; VCE =5V; RS =1kΩ;
f = 1 kHz; B = 200 Hz
−
4dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com