Electronic Components Datasheet Search
  English  ▼

X  

2N3553 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2N3553
Description  Silicon planar epitaxial overlay transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N3553 Datasheet(HTML) 4 Page - NXP Semiconductors

  2N3553 Datasheet HTML 1Page - NXP Semiconductors 2N3553 Datasheet HTML 2Page - NXP Semiconductors 2N3553 Datasheet HTML 3Page - NXP Semiconductors 2N3553 Datasheet HTML 4Page - NXP Semiconductors 2N3553 Datasheet HTML 5Page - NXP Semiconductors 2N3553 Datasheet HTML 6Page - NXP Semiconductors 2N3553 Datasheet HTML 7Page - NXP Semiconductors 2N3553 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1995 Oct 27
4
Philips Semiconductors
Product specification
Silicon planar epitaxial
overlay transistor
2N3553
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Pulsed through an inductor of 25 mH;
δ = 0.5; f = 50 Hz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 0.25 mA
65
−−
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC up to 200 mA;
note 1
40
−−
V
V(BR)CEX
collector-emitter breakdown voltage
IC up to 200 mA; VBE = −1.5 V;
RB =33 Ω; note 1
65
−−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 0.25 mA
4
−−
V
VBE
base-emitter voltage
IC = 250 mA; VCE =5V
−−
1.5
V
VCEsat
collector-emitter saturation voltage
IC = 250 mA; IB =50mA
−−
1.0
V
ICEO
collector leakage current
open base; VCE =30V
−−
0.1
mA
hFE
DC current gain
VCE =5V; IC = 125 mA
15
−
200
VCE =5V; IC = 250 mA
10
−
100
fT
transition frequency
IC = 125 mA; VCE =28V
−
500
−
MHz
Rhoie)
real part of input impedance
IC = 125 mA; VCE =28V;
f = 200 MHz
−−
20
Ω
Cc
collector capacitance
VCB = 28 V; IE =ie =0;
f=1MHz
−−
10
pF
Fig.4
DC current gain as a function of collector
current; typical values.
handbook, halfpage
0
100
200
300
400
hFE
60
20
0
40
MGC935
500
IC (mA)
Fig.5
Collector capacitance as a function of
collector-base voltage; typical values.
handbook, halfpage
0
5
20
15
10
020
40
60
(pF)
Cc
VCB (V)
MGC930



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com