Electronic Components Datasheet Search
  English  ▼

X  

VGS-600 Datasheet(PDF) 5 Page - CUI INC

Part # VGS-600
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-600 Datasheet(HTML) 5 Page - CUI INC

  VGS-600 Datasheet HTML 1Page - CUI INC VGS-600 Datasheet HTML 2Page - CUI INC VGS-600 Datasheet HTML 3Page - CUI INC VGS-600 Datasheet HTML 4Page - CUI INC VGS-600 Datasheet HTML 5Page - CUI INC VGS-600 Datasheet HTML 6Page - CUI INC VGS-600 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 09/09/2022
│ page 5 of 7
CUI Inc
│ SERIES: VGS-600 │ DESCRIPTION: AC-DC POWER SUPPLY
TYPICAL APPLICATION
REMOTE ON/OFF
DC_OK
1. When the product is working normally, apply voltage (5-15V) to RC+ and RC- to trigger the remote ON/OFF function,
and the output voltage will be off. Withdraw the voltage, the output voltage will be re-established.
2. 5V standby power supply is not controlled by remote ON/OFF function.
1. When the output voltage of the product reaches 90% of the rated value, DC_OK+ will be connected to DC_OK-.
2. It is recommended that users apply a certain voltage between DC_OK+ and DC_OK- to detect the signal.
1. The left side represents the internal schematic diagram of the product, the right side represents the customer system.
2. Twisted pair wires are needed for S+/S-.
REMOTE SENSE COMPENSATION
R1
(Product inside)
2KΩ,
V2
(User side)
5V ~ 15V
1
12 W
R2
(Product inside)
1KΩ,
V1
(User side)
5V ~ 15V
1
12 W
Figure 1
Figure 2
Figure 3
Table 1
Table 2
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com