Electronic Components Datasheet Search
  English  ▼

X  

VGS-600 Datasheet(PDF) 1 Page - CUI INC

Part # VGS-600
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-600 Datasheet(HTML) 1 Page - CUI INC

  VGS-600 Datasheet HTML 1Page - CUI INC VGS-600 Datasheet HTML 2Page - CUI INC VGS-600 Datasheet HTML 3Page - CUI INC VGS-600 Datasheet HTML 4Page - CUI INC VGS-600 Datasheet HTML 5Page - CUI INC VGS-600 Datasheet HTML 6Page - CUI INC VGS-600 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 09/09/2022
page 1 of 7
SERIES: VGS-600
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VGS-600-12
12
11.8 ~ 12.6
50.0
600
150
92
VGS-600-15
15
14.7 ~ 15.8
40.0
600
150
92
VGS-600-24
24
23.5 ~ 25.2
25.0
600
200
94
VGS-600-27
27
26.4 ~ 28.4
22.3
600
200
94
VGS-600-36
36
35.3 ~ 37.8
16.7
600
300
94
VGS-600-48
48
47.0 ~ 50.4
12.6
600
300
94
Notes:
1. Ripple & noise are measured at 20 MHz BW with 47 µF aluminum electrolytic capacitor and 0.1 µF ceramic capacitor on the output.
2. Measured at 230 Vac
FEATURES
• UL/EN 62368 certified
• active PFC
• temperature range -40°C to +70°C
• isolation up to 4000 Vac
• operating altitude up to 5000 m
• remote on/off
• short-circuit, over-current, over-voltage & over-temperature protection
• AC or DC input
• internal fan cooling
• PCB conformal coating
• 5 V, 1 A standby supply
• remote output voltage sensing
PART NUMBER KEY
Base Number
VGS-600 - XX
Output Voltage
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-100 CUI-VGS-100 Datasheet
157Kb / 5P
AC-DC POWER SUPPLY
VGS-100 CUI-VGS-100 Datasheet
361Kb / 5P
AC-DC POWER SUPPLY
08/22/2012
VGS-100-12 CUI-VGS-100-12 Datasheet
157Kb / 5P
AC-DC POWER SUPPLY
VGS-100-12 CUI-VGS-100-12 Datasheet
361Kb / 5P
AC-DC POWER SUPPLY
08/22/2012
VGS-100-12 CUI-VGS-100-12 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
06/04/2021
More results

Similar Description - VGS-600

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-20D CUI-PSK-20D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com