Electronic Components Datasheet Search
  English  ▼

X  

RTPIS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTPIS
Description  ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTPIS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTPIS_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTPIS_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BLUESHIFT®
PRODUCT DATA SHEET
* DISCLAIMER: Blueshift MAKES NO WARRANTIES, EXPRESSED OR IMPLIED, INCLUDING, BUT NOT LIMITED TO ANY IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, COURSE OF PERFORMANCE, OR TRADE USAGE. All of the descriptive information, the typical performance data, and recommendations
for the use of Blueshift products shall be used only as a guide and do not reflect the specification or specification range for any particular property of the product.
Furnishing such information is merely an attempt to assist you after you have indicated your contemplated use and shall in no event constitute a warranty of any kind
by Blueshift. All purchasers of Blueshift products shall be responsible for independently determining the suitability of the material for the purpose for which it is
purchased, and for performing any additional testing that may be necessary to support purchaser’s intended use. No distributor, salesman, or representative of
Blueshift is authorized to give any warranty, guaranty, or make any representation in addition or contrary to the above.
Date Updated: 9/6/2022
5 South Spencer Road
Spencer, MA 01562
United States of America
+1 (888) 350-7586
www.blueshiftmaterials.com
ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
PHYSICAL AND MECHANICAL PROPERTIES
ASTM METHOD
VALUE
UNITS
Thickness
In-house method
240 ± 38 (9.5 ± 1.5)
µm (mil)
Tensile Strength
ASTM D882-12
15 ± 2 (2 ± 0.3)
MPa (ksi)
Young’s Modulus
ASTM D882-12
450 ± 50 (65 ± 7)
MPa (ksi)
Tensile Elongation at Break
ASTM D882-12
8 ± 2
%
Density
In-house method
0.58 ± 0.05
g/cm3
THERMAL PROPERTIES
ASTM METHOD
VALUE
UNITS
Thermal Conductivity (23°C)
ASTM C518-10
0.046 ± 0.004
W/m*K
THERMOMECHANICAL PROPERTIES
ASTM METHOD
VALUE
UNITS
Glass Transition Temperature (AeroZero Tg, DMA)
ASTM E1640-13
305 (580)
°C (°F)
Decomposition Temperature (10 wt% loss, TGA)
ASTM E2550-17
410 (770)
°C (°F)
ADDITIONAL PROPERTIES
ASTM METHOD
VALUE
UNITS
Adhesive strength: 180° peel/3 day-RT dwell time
RockeTape on 2-mil Al foil substrate
ASTM D3330
>200 (1.1)
N/m (lb/in)
UL Flammability Rating
UL94VTM
VTM-0
-
Data within this table are typical values for the listed product. The above data is not intended to indicate product specifications. Actual product specifications are available upon request.
Application
Prepare the surface by removing any loose particles, wipe the surface with isopropyl alcohol and allow to dry. Remove the
release liner from the tape and apply to the surface with adequate finger or mechanical pressure. Standard application
temperature is 25 °C (72 °F) and the minimum application temperature is 10 °C (50 °F). The minimum set time is 24 hours
before performing any tests, with maximum adhesion being reached at 72 hrs. Increasing the temperature and dwell time may
increase adhesion strength.
Blueshift products are manufactured under a certified AS9100D/ISO9001:2015 Quality Management System facility.
For more information on Blueshift Film and Laminate products, please visit our website.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com