Electronic Components Datasheet Search
  English  ▼

X  

RTPIS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTPIS
Description  ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTPIS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTPIS_V01 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTPIS_V01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BLUESHIFT®
PRODUCT DATA SHEET
* DISCLAIMER: Blueshift MAKES NO WARRANTIES, EXPRESSED OR IMPLIED, INCLUDING, BUT NOT LIMITED TO ANY IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS
FOR A PARTICULAR PURPOSE, COURSE OF PERFORMANCE, OR TRADE USAGE. All of the descriptive information, the typical performance data, and recommendations
for the use of Blueshift products shall be used only as a guide and do not reflect the specification or specification range for any particular property of the product.
Furnishing such information is merely an attempt to assist you after you have indicated your contemplated use and shall in no event constitute a warranty of any kind
by Blueshift. All purchasers of Blueshift products shall be responsible for independently determining the suitability of the material for the purpose for which it is
purchased, and for performing any additional testing that may be necessary to support purchaser’s intended use. No distributor, salesman, or representative of
Blueshift is authorized to give any warranty, guaranty, or make any representation in addition or contrary to the above.
Date Updated: 9/6/2022
5 South Spencer Road
Spencer, MA 01562
United States of America
+1 (888) 350-7586
www.blueshiftmaterials.com
ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
Features
 Ultra-thin and lightweight thermal insulation tape
 Rf transparent
 Easy peel and stick application to flat or complex 3D surfaces
 Excellent adhesion onto a wide range of substrates
 For interior or exterior surfaces
 Highly insulative with low thermal conductivity
• Protects sensitive components from extreme
temperature swings
• Isolates high temperature zones (hot spot reduction)
• Enhances thermal endurance of parts/devices
• Enables component size reduction
 Flame retardant (UL94 VTM-0 compliant)
Product Description
RTPIS Polyimide consists of a 6.5-mil AeroZero®
polyimide aerogel film with a double-sided 1-mil
adhesive layer and polyimide film bonded on one
side. The adhesive is a high-performance
engineering grade silicone pressure sensitive
adhesive (PSA) with a release layer that is peeled off
before application to a substrate. Potential
substrates include stainless steel, aluminum, glass,
and polymer substrates such as carbon fiber,
polyimides, polyether ketones, polyurethanes, and
polyesters. Typical use is thermal barrier/protection
of parts used in the Aerospace, Defense, Electronics
& Communications Equipment, and High-
Performance Racing industries.
Storage
Recommended storage conditions:
Temperature: below 25°C
(~77°F)
Relative Humidity: below 50%
Applications
Leading Edge thermal insulation protection for:
 Electronics and communications equipment
 Semi-conductors and medical devices
 High performance race cars and boats
 Rockets, supersonic munitions, and aircraft
Standard Dimensions
• Standard Roll: 1 in wide x 25 ft long
• Other sizes available upon request


Similar Part No. - RTPIS_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTPIS-025100 ETC2-RTPIS-025100 Datasheet
788Kb / 2P
ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
8/2/2022
More results

Similar Description - RTPIS_V01

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
8998 3M-8998 Datasheet
124Kb / 5P
3M™ Polyimide Tape 8998
Jan-2015
838 3M-838 Datasheet
14Kb / 2P
Weather Resistant Film Tape
05-Nov-1999
logo
List of Unclassifed Man...
RTAZS ETC2-RTAZS Datasheet
793Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/2/2022
RTGRS ETC2-RTGRS Datasheet
5Mb / 2P
ROCKETAPE™ RTGRS Graphite Heat Resistant Thermal Insulation Tape
8/2/2022
RTPIS ETC2-RTPIS Datasheet
788Kb / 2P
ROCKETAPE™ RTPIS Polyimide Heat Resistant Thermal Insulation Tape
8/2/2022
RTAZS ETC-RTAZS_V01 Datasheet
792Kb / 2P
ROCKETAPE™ RTAZS Heat Resistant Thermal Insulation Tape
8/24/2022
RTGRS ETC-RTGRS_V01 Datasheet
5Mb / 2P
ROCKETAPE™ RTGRS Graphite Heat Resistant Thermal Insulation Tape
8/24/2022
RTVDAS ETC-RTVDAS Datasheet
835Kb / 2P
ROCKETAPE™ RTVDAS Aluminized Polyimide Heat Resistant Thermal Insulation Tape
10/5/2022
logo
T-Global Technology
TG-T1000T TGLOBAL-TG-T1000T Datasheet
232Kb / 1P
Thermal Tape
Version18 20220726
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com