Electronic Components Datasheet Search
  English  ▼

X  

USB-2020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-2020
Description  12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-2020
Digital I/O
The USB-2020 provides eight digital I/O lines on the 40-pin
auxiliary connector. When a bit is configured for input, it can
detect the state of any TTL-level input. Each DIO channel is an
open-drain, and can sink up to 150 mA for direct drive applica-
tions when used as an output.
External Pull-Up Capability
Digital inputs are pulled high by default to 5 V through
47 kΩ resistors. The pull-up voltage is common to all 47 kΩ
resistors.
The pull-up/pull-down state can be changed from a header on
the board. An external pull-up resistor can also be used to pull
the DIO bit up to a voltage that exceeds the internal 5 V pull-up
voltage (15 V maximum).
Calibration
The USB-2020 is factory-calibrated using a NIST-traceable calibra-
tion process. Specifications are guaranteed for one year.
The USB-2020 also supports field calibration for users to calibrate
the device locally with the InstaCal utility.
A/D 0
20 MS/s
FPGA
A/D 1
20 MS/s
12
CH0
CH1
TRIG
Control
TRIG IN
Clock I/O
CLK IO
8
DIO
1 Gb
FIFO
A/D Data
Microprocessor
A/D Data
USB
Power
System
15 V
–15 V
5 VA
–5 VA
3.3 V
2.5 V
1.2 V
12
Each analog channel has
a dedicated A/D converter
Features
BNC and 40-Pin Auxiliary Connectors
The USB-2020 provides four standard BNC connectors for both
analog inputs, trigger input, and clock I/O. Use standard BNC
cables to connect the BNC female connectors.
The board also includes a 40-pin auxiliary connector for the
eight digital I/O, two 5 V power outputs, and an alternate trigger
input connection. The signals available from the 40-pin auxiliary
connector require a separately-purchased cable.
Field Wiring and Signal Termination
Use the following cables and accessories to connect to the signals
available from the 40-pin auxiliary connector:
C40FF-x: 40-pin ribbon cable, female to female; connects
the 40-pin auxiliary connector to a CIO-MINI40 universal
screw-terminal board.
C40-37F-x: 40-pin female IDC to 37-pin female D shell;
connects the 40-pin auxiliary connector to a CIO-MINI37
universal screw-terminal board or SCB-37 signal connector
box.
USB-2020 Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com