Electronic Components Datasheet Search
  English  ▼

X  

USB-2020 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-2020
Description  12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-2020 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-2020 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-2020 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-2020
All specifications are subject to change without notice.
Typical at 25 °C unless otherwise specified.
Analog Input
A/D converter type: AD9225
Number of channels: 2
Resolution: 12-bits
Input configuration: Single-ended, individual A/D per channel
Sampling method: Simultaneous
Input ranges: ±10 V, ±5 V, ±2 V, ±1 V, software-selectable
Connection type: BNC
Input coupling: DC
Absolute maximum input voltage: ±15 V max (power on)
Input impedance: 1.5 MΩ typ
Input leakage current: 2 uA typ, 10 uA max
Input bandwidth (3 db): All input ranges, 17 MHz typ
Crosstalk: DC to 10 kHz, –90 dB
Trigger source
Digital: TRIG IN (BNC connector or 40-pin connector)
See External trigger for more information
Analog: CH0 or CH1
Sample clock source
Internal: 1 kHz to 20 MHz max
External: CLK IO (BNC connector)
See External clock input/output for more information
Throughput
Continuous scan: 1 kS/s min to 8 MS/s max to host computer (maximum rate
is system-dependent)
BURSTIO: 1 kS/s min to 20 MS/s max to 64 MS onboard memory
Signal-to-noise ratio (SNR): 66.6 dB
Signal-to-noise and distortion ratio (SINAD): 66.5 dB
Spurious free dynamic range (SFDR): 80 dB
Total harmonic distortion (THD): 80 dB
Noise Performance
For the peak-to-peak noise distribution test, a single-ended input channel is
connected to AGND at the input BNC connector and 20,000 data samples are
acquired at the maximum rate.
Range
Counts
LSBrms
±10 V
5
0.76
±5 V
5
0.76
±2 V
7
1.06
±1 V
7
1.06
Analog Input Calibration
Recommended warm-up time: 15 minutes min
Calibration method: Self calibration, with calibration factors for each range stored
onboard in non-volatile memory
Calibration interval: 1 year (factory calibration)
Specifications
DC Accuracy Components and Specifications. All Values are (±)
Range
Gain Error
(% of
reading)
Offset
Error
(mV)
INL Error
(% of
range)
Absolute Accuracy
at Full Scale (mV)
Gain Temperature
Coefficient
(% reading/°C)
Offset Temperature
Coefficient (µV/°C)
±10 V
0.11
5.2
0.0976
35.72
0.0035
30
±5 V
0.11
5.2
0.0488
20.46
0.0035
110
±2 V
0.11
1.1
0.0244
8.18
0.0035
10
±1 V
0.11
1.1
0.0122
4.64
0.0035
25
Digital Input/Output
Digital type: CMOS
Number of I/O: 8
Configuration: Each bit can be independently configured as input (power on
default) or output. Input bits can be read at any time whether the digital output
is active or tri-stated.
Input voltage range: 0 V to 15 V
Input characteristics: 47 kΩ pull-up/pull-down resistor, 28 kΩ series resistor
Abs. maximum input voltage: +20 V max
Pull-up/pull-down configuration: The port has 47 kΩ resistors that can be con-
figured as pull-up (default) or pull-down with an internal jumper.
Digital I/O transfer rate (softwarepaced): 33S/sto4,000S/styp;system-dependent
Input high voltage: 2.0 V min
Input low voltage: 0.8 V max
Output characteristics: 47 kΩ pull-up, open drain (DMOS transistor, source
connected to ground)
Output voltage range: 0 V to 5 V (using 47 KΩ internal pull up resistors); 0 V to
15 V max through optional, user-supplied external pull-up resistors
Adding external pull-up resistors connects the output bit in parallel with the
internal 47 kΩ pull-up resistor. The resulting load voltage depends on the value
of the external resistor value and the pull-up voltage used. In general, external
10 KΩ pull-up resistors are sufficient for most applications.
Drain to source breakdown voltage: 42.5 V min (does not include the addi-
tional leakage current contribution that can occur when using an external
pull-up resistor)
Off state leakage current: 1.0 µA
Sink current capability: 150 mA max (continuous) per output pin; 150 mA max
(continuous), total for all eight channels
DMOS transistor on-resistance (drain to source): 4 Ω
External Trigger
Trigger Source
Digital: TRIG IN on BNC connector and 40-pin connector)
Analog: CH0 or CH1
Trigger mode
Digital: Rising or falling edge, high or low level
Analog: Trigger above or below software-selectable level, rising or falling edge
with software-selectable hysteresis
A/D gate source
Digital: TRIG IN (BNC connector and 40-pin connector)
Analog: CH0 or CH1
A/D gate modes
Digital: High or low level
Analog: Software-selectable high or low level, in or out of software-selectable
window
Trigger latency: 50 ns max
Trigger pulse width: 25 ns min
Input type: 49.9 Ω series resistor
Input high voltage: 2.0 V min
Input low voltage: 0.8 V max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com