Electronic Components Datasheet Search
  English  ▼

X  

LCS702LG Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # LCS702LG
Description  Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS702LG Datasheet(HTML) 1 Page - Power Integrations, Inc.

  LCS702LG Datasheet HTML 1Page - Power Integrations, Inc. LCS702LG Datasheet HTML 2Page - Power Integrations, Inc. LCS702LG Datasheet HTML 3Page - Power Integrations, Inc. LCS702LG Datasheet HTML 4Page - Power Integrations, Inc. LCS702LG Datasheet HTML 5Page - Power Integrations, Inc. LCS702LG Datasheet HTML 6Page - Power Integrations, Inc. LCS702LG Datasheet HTML 7Page - Power Integrations, Inc. LCS702LG Datasheet HTML 8Page - Power Integrations, Inc. LCS702LG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
HiperLCS Family
www.power.com
May 2017
Integrated LLC Controller, High-Voltage
Power MOSFETs and Drivers
This Product is Covered by Patents and/or Pending Patent Applications.
Product Highlights
Features
•
LLC half-bridge power stage incorporating controller, high and
low-side gate drives, and high-voltage power MOSFETs
•
Eliminates up to 30 external components
•
High maximum operating frequency of 1 MHz
•
Nominal steady-state operation up to 500 kHz
•
Dramatically reduces magnetics size and allows use of SMD
ceramic output capacitors
•
Precise duty symmetry balances output rectifier current, improving
efficiency
•
50% ±0.3% typical at 300 kHz
•
Comprehensive fault handling and current limiting
•
Programmable brown-in/out thresholds and hysteresis
•
Undervoltage (UV) and overvoltage (OV) protection
•
Programmable over-current protection (OCP)
•
Short-circuit protection (SCP)
•
Over-temperature protection (OTP)
•
Programmable dead-time for optimized design
•
Programmable burst mode maintains regulation at no-load and
improves light load efficiency
•
Programmable soft-start time and delay before soft-start
•
Accurate programmable minimum and maximum frequency limits
•
Single package designed for high-power and high-frequency
•
Reduces assembly cost and reduces PCB layout loop areas
•
Simple single clip attachment to heat sink
•
Staggered pin arrangement for simple PC board routing and
high-voltage creepage requirements
•
Paired with HiperPFS PFC product gives complete, high efficiency,
low part count PSU solutions
Applications
•
High-efficiency power supplies (80 PLUS Silver, Gold and Platinum)
•
LCD TV power supplies
•
LED street and area lighting
•
Printer power supplies
•
Audio amplifier
Description
The HiperLCS™ is an integrated LLC power stage incorporating a
multi-function controller, high-side and low-side gate drivers, plus two
power MOSFETs in a half-bridge configuration. Figure 1 shows a
simplified schematic of a HiperLCS based power stage where the LLC
resonant inductor is integrated into the transformer.
The variable frequency controller provides high-efficiency by
switching the power MOSFETs at zero voltage (ZVS), eliminating
switching losses.
Figure 1. Typical Application Circuit – LCD TV and PC Main Power Supply.
LLC Feedback Circuit
HiperLCS
HB
VREF
DT/BF
R
FMAX
R
BURST
IS
FB
VCC
VCCH
HV DC
Input
OV/UV
G
S1/S2
D
PI-6159-060211
Standby
Supply
CONTROL
B+
+V
RTN
B-
Output Power Table
Product
Maximum Practical Power1
LCS700HG/LG
110 W
LCS701HG/LG
170 W
LCS702HG/LG
220 W
LCS703HG/LG
275 W
LCS705HG/LG
350 W
LCS708HG/LG
440 W
Table 1. Output Power Table.
Notes:
1. Maximum practical power is the power the part can deliver when properly
mounted to a heat sink and a maximum heat sink temperature of 90 °C.


Similar Part No. - LCS702LG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS702HG POWERINT-LCS702HG Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
LCS702HG POWERINT-LCS702HG Datasheet
2Mb / 30P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
May 2017
More results

Similar Description - LCS702LG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LCS700 POWERINT-LCS700 Datasheet
3Mb / 26P
Integrated LLC Controller, High-Voltage Power MOSFETs and Drivers
logo
ON Semiconductor
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1399 ONSEMI-NCP1399_16 Datasheet
677Kb / 44P
High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
February, 2016 ??Rev. 4
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com