Electronic Components Datasheet Search
  English  ▼

X  

SLG55596 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLG55596
Description  USB Host Charger Identification Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55596 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLG55596 Datasheet HTML 1Page - Renesas Technology Corp SLG55596 Datasheet HTML 2Page - Renesas Technology Corp SLG55596 Datasheet HTML 3Page - Renesas Technology Corp SLG55596 Datasheet HTML 4Page - Renesas Technology Corp SLG55596 Datasheet HTML 5Page - Renesas Technology Corp SLG55596 Datasheet HTML 6Page - Renesas Technology Corp SLG55596 Datasheet HTML 7Page - Renesas Technology Corp SLG55596 Datasheet HTML 8Page - Renesas Technology Corp SLG55596 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
000-0055596-051
Page 3 of 9
SLG55596
Preliminary
Absolute Maximum Ratings
Electrical Characteristics - Power Supply
Electrical Characteristics - Analog Switch
Parameter
Min.
Max.
Unit
Supply Voltage
-0.3
6.0
V
Continuous Current into any terminal
-30
+30
mA
Continuous Power Dissipation
--
954
mW
Operating Temperature Range
-40
85
°C
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Power Supply Range
VCB > VIH
4.5
5.0
5.5
V
VCB = 0V
4.75
--
5.25
V
IDD
Supply Current
VDD = 5V
CB = LOW, SMART-CDP = X
(autodetect with wakeup)
--
140
160
µA
CB = HIGH, SMART-CDP =
LOW (SDP)
--
20
30
µA
CB = HIGH, SMART-CDP =
HIGH (CDP)
--
30
50
µA
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VDP, VDM
Analog signal Range
0
--
VDD
V
RON
On Resistance TDP/TDM Switch
VDD = -0.4V to 0.4V, I = 10mA
--
3.5
--
Ω
VDP = VDM = 0V to 3.3V
VDD= 5V
--
4.0
7
Ω
∆R
ON
On Resistance Match between channels
TDP/TDM Switch
VDD = 5.0V
VDP = VDM = 400mV
IDP = IDM = 10mA
--
0.1
--
Ω
RFLAT
On Resistance flatness TDP/TDM
Switch
VDD = 5.0V
VDP = VDM = 0V to VDD
IDP = IDM = 10mA
--
0.5
--
Ω
RSHORT
On Resistance of TDP/TDM Short
VCB = 0V
VDP = 1V
IDP = IDM = 10mA
--
50
70
Ω
ITDPOFF,
ITDMOFF
Off-Leakage Current
VDD = 3.6V
VDP = VDM = 0.3V to 3.3V
VTDP = VTDM = 3.3V to 0.3V
VCB = 0V
-250
--
250
nA
IDPON,
IDMON
Off-Leakage Current
VDD = 3.6V
VDP = VDM = 3.3V to 0.3V
VCB = VDD
-250
--
250
nA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com