Electronic Components Datasheet Search
  English  ▼

X  

SLG55596 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SLG55596
Description  USB Host Charger Identification Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55596 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SLG55596 Datasheet HTML 1Page - Renesas Technology Corp SLG55596 Datasheet HTML 2Page - Renesas Technology Corp SLG55596 Datasheet HTML 3Page - Renesas Technology Corp SLG55596 Datasheet HTML 4Page - Renesas Technology Corp SLG55596 Datasheet HTML 5Page - Renesas Technology Corp SLG55596 Datasheet HTML 6Page - Renesas Technology Corp SLG55596 Datasheet HTML 7Page - Renesas Technology Corp SLG55596 Datasheet HTML 8Page - Renesas Technology Corp SLG55596 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
000-0055596-051
Page 5 of 9
SLG55596
Preliminary
Electrical Characteristics - Logic Input SMART-CDP
Electrical Characteristics - CEN# Outputs
Electrical Characteristics - ESD Protection
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VIH
SMART-CDP input Logic High
3.0
--
--
V
VIL
SMART-CDP input Logic Low
--
--
0.8
V
IIN
SMART-CDP Input Leakage Current
VDD = 5.5V
0V < VSMART-CDP < VIL or
VIH < VSMART-CDP < VDD
-1
--
1
µA
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
TVBT
VBUS Toggle Time
CB = Logic 0 to Logic 1 or Logic
1 to Logic 0
1.5
2.0
2.5
s
VOH_CEN#
CEN# Output Logic High Voltage
CB = Logic 0 to Logic 1
ISOURCE = 2mA
VDD-0.4V
--
--
V
IOUT_CEN#
CEN# Output Leakage Current
VDD = 5.5V
VCEN# = 0V or CEN# deasserted
--
--
1
µA
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Parameter
Description
Condition/Note
Min.
Typ.
Max.
Unit
VESD
ESD Protection Level
(DP and DM Only)
Human Body Model
--
±8
--
kV
VESD
ESD Protection Level
(All other pins)
Human Body Model
--
±2
--
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com