Electronic Components Datasheet Search
  English  ▼

X  

SLGC55544CV Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SLGC55544CV
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLGC55544CV Datasheet(HTML) 3 Page - Renesas Technology Corp

  SLGC55544CV Datasheet HTML 1Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 2Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 3Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 4Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 5Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 6Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 7Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 8Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.07
Page 3 of 19
SLGC55544CV
USB Charging Port Power Switch and Controller
©2022 Renesas Electronics Corporation
Absolute Maximum Ratings
Parameter
Description
Min.
Max.
Unit
Supply Voltage range
VIN
-0.3
7
V
Input Voltage range
EN, ILIM_L, ILIM_H, ILIM_SEL, CTL1, CTL2, CTL3
-0.3
7
V
Output Voltage range
VOUT, FAULT#
-0.3
7
V
Output Voltage range
VIN to VOUT
-7
7
V
Voltage range
DP_IN, DM_IN, DP_OUT, DM_OUT
-0.3
VIN+0.3
or 5.7
V
Input Clamp current
DP_IN, DM_IN, DP_OUT, DM_OUT
--
±20
mA
Continuous current in SDP or CDP mode DP_IN to DP_OUT or DM_IN to DM_OUT
--
±100
mA
Continuous current in BC1.2 DCP mode DP_IN to DM_IN
--
±35
mA
Continuous output current
Internally limited
Continuous output sink current
FAULT#
--
25
mA
Continuous output source current
ILIM_L, ILIM_H
--
1
mA
Continuous total power dissipation
Internally limited
ESD Rating, Human Body Model (HBM)
VIN, EN, ILIM_L, ILIM_H, ILIM_SEL, CTL1, CTL2,
CTL3, VOUT, FAULT#
2
--
kV
ESD Rating, Human Body Model (HBM) DP_IN, DM_IN, DP_OUT, DM_OUT
8
--
kV
ESD Rating, Charged Device Model
500
--
V
Operating Temperature Range
-40
85
°C
Storage Temperature Range
-65
165
°C
Note:
1. Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended
operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com