Electronic Components Datasheet Search
  English  ▼

X  

SLGC55544CV Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLGC55544CV
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLGC55544CV Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLGC55544CV Datasheet HTML 1Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 2Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 3Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 4Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 5Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 6Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 7Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 8Page - Renesas Technology Corp SLGC55544CV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
8-Feb-2022
CFR0011-120-01
Revision 1.07
Page 4 of 19
SLGC55544CV
USB Charging Port Power Switch and Controller
©2022 Renesas Electronics Corporation
Electrical Characteristics
Conditions are -40 ≤ TJ ≤ 125 °C unless otherwise noted. VEN = VIN = 5 V, RFAULT# = 10 kΩ, RILIM_L = 80 kΩ, RILIM_H = 20 kΩ,
ILIM_SEL = VIN, CTL1 = CTL2 = CTL3 = VIN, unless otherwise noted. Positive currents are into pins. Typical values are at 25 °C.
All voltages are with respect to GND unless otherwise noted.
Thermal Information 1
Parameter
Typ.
Unit
θ
JA
Junction-to-ambient thermal resistance 2
53.4
°C/W
θ
JCtop
Junction-to-case (top) thermal resistance 3
51.4
°C/W
θ
JB
Junction-to-board thermal resistance 4
17.2
°C/W
ψ
JT
Junction-to-top characterization parameter 5
3.7
°C/W
ψ
JB
Junction-to-board characterization parameter 6
20.7
°C/W
θ
JCbot
Junction-to-case (bottom) thermal resistance 7
3.9
°C/W
Note:
1. For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report,
SPRA953.
2. The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K
board, as specified in JESD51-7, in an environment described in JESD51-2a.
3. The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
4. The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control
the PCB temperature, as described in JESD51-8.
5. The junction-to-top characterization parameter,
ψ
JT, estimates the junction temperature of a device in a real system and is
extracted from the simulation data for obtaining
θ
JA, using a procedure described in JESD51-2a (sections 6 and 7).
6. The junction-to-board characterization parameter,
ψ
JB, estimates the junction temperature of a device in a real system and is
extracted from the simulation data for obtaining
θ
JA, using a procedure described in JESD51-2a (sections 6 and 7).
7. The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No
specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Electrical Characteristics - Power Switch
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
Rds ON
Static drain-source on-state
resistance 1
IOUT = 100 mA,
VILIM_SEL = Logic Low
--
73
--
m
Ω
TA = TJ = 25°C, IOUT = 2 A,
VILIM_SEL = Logic HIgh
--
73
84
m
Ω
-40°C ≤ TA = TJ ≤ 85°C,
IOUT = 2 A, VILIM_SEL = Logic High
--
73
105
m
Ω
-40°C ≤ TA = TJ ≤ 125°C,
IOUT = 2 A, VILIM_SEL = Logic High
--
73
120
m
Ω
TR
Rise Time, Output
CLOAD = 1 µF, RLOAD = 100 Ω
0.7
1.50
1.6
ms
TF
Fall Time, Output
CLOAD = 1 µF, RLOAD = 100 Ω
0.2
0.35
0.5
ms
RDIS
VOUT Discharge
Resistance
337
498
681
Ω
TDIS
Out Discharge Hold Time
--
2
--
s
TDIS_LONG
Long Out Discharge Hold
Time 2
Time VOUT < 0.7 V
1
2
3
s
TDIS_SHORT
Short Out Discharge Hold
Time 2
Time VOUT < 0.7 V
150
250
400
ms
IREV
Reverse Leakage Current
VOUT = 5.5 V, VIN = VEN = 0 V, TJ = 25 °C
--
--
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com