Electronic Components Datasheet Search
  English  ▼

X  

138AML Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 5 Page - Vishay Siliconix

  138AML Datasheet HTML 1Page - Vishay Siliconix 138AML Datasheet HTML 2Page - Vishay Siliconix 138AML Datasheet HTML 3Page - Vishay Siliconix 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
5
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25
100
6.5 x 18
160
9.0
0.13
2.100
1.200
0.550
-
26101E3
36101E3
-
220
10 x 18
270
15
0.13
0.940
0.550
0.270
-
26221E3
36221E3
-
470
10 x 25
440
28
0.13
0.440
0.260
0.170
-
26471E3
36471E3
-
680
10 x 30
580
38
0.14
0.360
0.260
0.250
16681E3
26681E3
-
-
1000
12.5 x 30
790
54
0.15
0.250
0.180
0.190
16102E3
26102E3
-
-
1500
15 x 30
1020
79
0.15
0.170
0.130
0.150
16152E3
26152E3
-
46152E3
2200
18 x 30
1320
110
0.17
0.130
0.100
0.130
16222E3
-
-
46222E3
3300
18 x 38
1720
170
0.17
0.090
0.071
0.110
16332E3
-
-
46332E3
4700
18 x 38
1840
240
0.21
0.076
0.063
0.100
16472E3
-
-
46472E3
6800
21 x 38
2100
340
0.27
0.068
0.058
0.099
16682E3
-
-
46682E3
40
33
7.7 x 12.7
91
6.6
0.11
5.300
2.700
1.000
-
27339E3
37339E3
-
47
6.5 x 18
120
7.8
0.10
3.400
1.900
0.650
-
27479E3
37479E3
-
100
8 x 18
180
12
0.10
1.600
0.900
0.400
-
27101E3
37101E3
-
220
10 x 25
350
22
0.10
0.720
0.410
0.200
-
27221E3
37221E3
-
330
10 x 30
490
30
0.10
0.470
0.320
0.300
17331E3
27331E3
-
-
470
12.5 x 30
650
42
0.10
0.340
0.230
0.220
17471E3
27471E3
-
-
680
12.5 x 30
750
58
0.10
0.250
0.180
0.180
17681E3
27681E3
-
-
1000
15 x 30
970
84
0.10
0.170
0.120
0.140
17102E3
27102E3
-
47102E3
1500
18 x 30
1250
120
0.12
0.130
0.098
0.120
17152E3
-
-
47152E3
2200
18 x 38
1640
180
0.12
0.093
0.069
0.100
17222E3
-
-
47222E3
3300
21 x 38
1810
270
0.15
0.079
0.061
0.100
17332E3
-
-
47332E3
50
10
6.3 x 12.7
51
5.0
0.09
14.00
7.000
2.700
-
21109E3
31109E3
-
22
7.7 x 12.7
82
6.2
0.09
6.500
3.200
1.100
-
21229E3
31229E3
-
100
10 x 18
230
14
0.08
1.300
0.700
0.300
-
21101E3
31101E3
-
63
4.7
6.3 x 12.7
35
4.6
0.09
30.00
17.000
5.000
-
28478E3
38478E3
-
10
7.7 x 12.7
59
5.3
0.08
13.00
8.000
1.800
-
28109E3
38109E3
-
22
6.5 x 18
100
6.8
0.07
5.100
3.600
0.850
-
28229E3
38229E3
-
47
8 x 18
150
9.9
0.07
2.400
1.700
0.500
-
28479E3
38479E3
-
100
10 x 25
280
17
0.07
1.100
0.800
0.270
-
28101E3
38101E3
-
150
10 x 30
410
23
0.11
0.730
0.440
0.400
18151E3
28151E3
-
-
220
12.5 x 30
560
32
0.11
0.500
0.310
0.290
18221E3
28221E3
-
-
330
12.5 x 30
660
46
0.12
0.370
0.230
0.220
18331E3
28331E3
-
-
470
15 x 30
860
63
0.12
0.260
0.160
0.160
18471E3
28471E3
-
48471E3
680
18 x 30
1130
90
0.12
0.190
0.120
0.140
18681E3
-
-
48681E3
1000
18 x 38
1460
130
0.12
0.130
0.086
0.110
18102E3
-
-
48102E3
1500
21 x 38
1680
190
0.13
0.100
0.072
0.110
18152E3
-
-
48152E3
100
2.2
6.3 x 12.7
24
4.4
0.09
65.00
25.000
8.000
-
29228E3
39228E3
-
4.7
7.7 x 12.7
40
4.9
0.08
27.00
17.000
5.000
-
29478E3
39478E3
-
10
6.5 x 18
67
6.0
0.07
11.00
8.000
2.400
-
29109E3
39109E3
-
22
8 x 18
100
8.4
0.07
5.100
3.600
1.400
-
29229E3
39229E3
-
47
10 x 25
190
13
0.07
2.400
1.700
0.670
-
29479E3
39479E3
-
68
10 x 30
300
18
0.07
1.700
1.100
0.970
19689E3
29689E3
-
-
100
12.5 x 30
410
24
0.07
1.100
0.770
0.670
19101E3
29101E3
-
-
150
15 x 30
550
34
0.07
0.780
0.520
0.460
19151E3
29151E3
-
49151E3
220
15 x 30
650
48
0.07
0.540
0.370
0.330
19221E3
29221E3
-
49221E3
330
18 x 30
880
70
0.08
0.380
0.270
0.240
19331E3
-
-
49331E3
470
18 x 38
1130
98
0.08
0.270
0.190
0.170
19471E3
-
-
49471E3
680
21 x 38
1330
140
0.09
0.210
0.140
0.140
19681E3
-
-
49681E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
Z
100 kHz
(
)
ORDERING CODE MAL2138.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com