Electronic Components Datasheet Search
  English  ▼

X  

138AML Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 138AML
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138AML Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 138AML Datasheet HTML 4Page - Vishay Siliconix 138AML Datasheet HTML 5Page - Vishay Siliconix 138AML Datasheet HTML 6Page - Vishay Siliconix 138AML Datasheet HTML 7Page - Vishay Siliconix 138AML Datasheet HTML 8Page - Vishay Siliconix 138AML Datasheet HTML 9Page - Vishay Siliconix 138AML Datasheet HTML 10Page - Vishay Siliconix 138AML Datasheet HTML 11Page - Vishay Siliconix 138AML Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
138 AML
www.vishay.com
Vishay BCcomponents
Revision: 27-Mar-2020
9
Document Number: 28332
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 15 - Typical impedance as a function of frequency
Fig. 16 - Typical impedance as a function of frequency
Fig. 17 - Typical impedance as a function of frequency
Fig. 18 - Typical impedance as a function of frequency
105
104
10
3
10
2
10
f (Hz)
Case Ø D x L = 8 mm x 18 mm to 10 mm x 25 mm
T
amb (°C)
10
3
10
2
10
1
10
-1
Z
( )
Ω
1
2
3
4
7
5
6
8
Curve 1: 47 µF, 63 V
Curve 2: 100 µF, 50 V
Curve 3: 100 µF, 63 V
Curve 4: 220 µF, 25 V
Curve 5: 470 µF, 16 V
Curve 6: 1000 µF, 25 V
Curve 7: 1000 µF, 10 V
Curve 8: 2200 µF, 6.3 V
106
105
10
4
10
3
102
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
T
amb (°C)
1
2
3
Curve 1: 680 µF; 25 V
Curve 2: 4700 µF; 25 V
Curve 3: 6800 µF; 25 V
106
105
10
4
10
3
102
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
T
amb (°C)
2
3
1
Curve 1: 680 µF; 25 V
Curve 2: 4700 µF; 25 V
Curve 3: 6800 µF; 25 V
106
105
10
4
10
3
102
f (Hz)
10
2
10
-2
10
1
10
-1
Z
( )
Ω
Case Ø D x L = 10 mm x 30 mm to 21 mm x 38 mm
T
amb (40 °C)
1
2
3
Curve 1: 680 µF; 25 V
Curve 2: 4700 µF; 25 V
Curve 3: 6800 µF; 25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com