Electronic Components Datasheet Search
  English  ▼

X  

AN_MASTER_004 Datasheet(PDF) 16 Page - Suzhou Maswell Communication Technology Co. Ltd

Part # AN_MASTER_004
Description  Maswell Ultra Wideband Log Periodic Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASWELL [Suzhou Maswell Communication Technology Co. Ltd]
Direct Link  https://www.maswelltech.com/
Logo MASWELL - Suzhou Maswell Communication Technology Co. Ltd

AN_MASTER_004 Datasheet(HTML) 16 Page - Suzhou Maswell Communication Technology Co. Ltd

Back Button AN_MASTER_004 Datasheet HTML 9Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 10Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 11Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 12Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 13Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 14Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 15Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 16Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 17Page - Suzhou Maswell Communication Technology Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Suzhou maswell communication technology co. Ltd
Add:Floor 3, Building 6, No. 88 Zhenbei Road, High-tech District, Suzhou 215153, Jiangsu, China
Http ://www.maswelltech.com
E-mail:Sales@maswelltech.com
Maswell Ultra Wideband Log Periodic Antenna
Measured Results
(Gain and Radiation Efficiency under 30cm Lead)
Freq
Effi
Effi
Gain
Gain
(MHz)
(%)
(dB)
(dBi)
(dBd)
3300
60.74
-2.17
7.05
4.9
3400
63.54
-1.97
7.13
4.98
3500
58.62
-2.32
6.9
4.75
3600
56.02
-2.52
7.09
4.94
3700
52.87
-2.77
6.89
4.74
3800
51.69
-2.87
6.23
4.08
3900
53.37
-2.73
6.74
4.59
4000
60.6
-2.18
7.18
5.03
4100
59.25
-2.27
7.37
5.22
4200
54.17
-2.66
6.95
4.8
4300
55.15
-2.58
6.96
4.81
4400
56.24
-2.5
6.9
4.75
4500
55
-2.6
6.92
4.77
4600
49.63
-3.04
6.56
4.41
4700
47.15
-3.26
6.41
4.26
4800
47.17
-3.26
6.31
4.16
4900
44.73
-3.49
6.25
4.1
5000
44.37
-3.53
6.12
3.97
5100
46.63
-3.31
6.57
4.42
5200
45.75
-3.4
6.28
4.13
5300
46.4
-3.34
6.55
4.4
5400
49.82
-3.03
6.77
4.62
5500
46.17
-3.36
7.01
4.86
5600
46.68
-3.31
6.74
4.59
5700
44.3
-3.54
6.79
4.64
5800
48.92
-3.11
6.99
4.84
5900
43.54
-3.61
6.31
4.16
6000
37.35
-4.28
5.55
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com