Electronic Components Datasheet Search
  English  ▼

X  

AN_MASTER_004 Datasheet(PDF) 2 Page - Suzhou Maswell Communication Technology Co. Ltd

Part # AN_MASTER_004
Description  Maswell Ultra Wideband Log Periodic Antenna
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASWELL [Suzhou Maswell Communication Technology Co. Ltd]
Direct Link  https://www.maswelltech.com/
Logo MASWELL - Suzhou Maswell Communication Technology Co. Ltd

AN_MASTER_004 Datasheet(HTML) 2 Page - Suzhou Maswell Communication Technology Co. Ltd

  AN_MASTER_004 Datasheet HTML 1Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 2Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 3Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 4Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 5Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 6Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 7Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 8Page - Suzhou Maswell Communication Technology Co. Ltd AN_MASTER_004 Datasheet HTML 9Page - Suzhou Maswell Communication Technology Co. Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Specifications
Maswell Ultra Wideband Log Periodic Antenna
Item
Specifications
Antenna
Center Frequency
600~6000 MHz
Polarization
Linear
Gain
6.80dBi
(Average)
V.S.W.R
<2.0
Impendance
50
Ω
Mounting Method
U bolt
Cable
Ultra Low loss cable 4 meters
(LMR 600 equivalent)
Connector
Both SMA male and N male
supported
Dimension
442* 220*64mm
Environmental
Operating Temperature
-40
℃~+85℃
Vibration
10 to 55Hz with 1.5mm amplitude
2hours
Environmentally Friendly
ROHS Compliant
Suzhou maswell communication technology co. Ltd
Add:Floor 3, Building 6, No. 88 Zhenbei Road, High-tech District, Suzhou 215153, Jiangsu, China
Http ://www.maswelltech.com
E-mail:Sales@maswelltech.com
AN_Master_004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com