Electronic Components Datasheet Search
  English  ▼

X  

BGY136 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY136
Description  VHF power amplifier modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY136 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY136 Datasheet HTML 1Page - NXP Semiconductors BGY136 Datasheet HTML 2Page - NXP Semiconductors BGY136 Datasheet HTML 3Page - NXP Semiconductors BGY136 Datasheet HTML 4Page - NXP Semiconductors BGY136 Datasheet HTML 5Page - NXP Semiconductors BGY136 Datasheet HTML 6Page - NXP Semiconductors BGY136 Datasheet HTML 7Page - NXP Semiconductors BGY136 Datasheet HTML 8Page - NXP Semiconductors BGY136 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1996 May 08
5
Philips Semiconductors
Product specification
VHF power amplifier modules
BGY135; BGY136
Fig.5
Efficiency as a function of frequency;
BGY135; typical values.
VS1 = VS2 = 12.5 V; PL = 18 W.
handbook, halfpage
0
20
40
60
120
130
140
150
160
η
(%)
f (MHz)
MRC264
Fig.6
Efficiency as a function of frequency;
BGY136; typical values.
VS1 = VS2 = 12.5 V; PL = 18 W.
handbook, halfpage
0
20
40
60
140
150
160
170
180
MRC259
η
(%)
f (MHz)
Fig.7
Load power as a function of frequency;
BGY135; typical values.
PD = 150 mW.
handbook, halfpage
0
10
20
30
120
130
140
150
160
f (MHz)
10.8 V
V = 12.5 V
S
MRC274
PL
(W)
Fig.8
Load power as a function of frequency;
BGY136; typical values.
PD = 150 mW.
handbook, halfpage
0
10
20
30
140
150
160
170
180
f (MHz)
10.8 V
V = 12.5 V
S
MRC262
PL
(W)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com