Electronic Components Datasheet Search
  English  ▼

X  

MMSZ10 Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # MMSZ10
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ10 Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  MMSZ10 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ10 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ10 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise note, V
F = 0.9 Vmax. @ IF = 10 mA)
ZZT1
(3)
ZZT2
(3)
Max. Reverse
@ IZT1 =
@ IZT2 =
Leakage
TYPE NO.
2 mA
0.5 mA
Current
Min
Nom
Max
Min
Max
(μA)
(V)
MMSZ27
5P
25.65
27
28.35
80
25.0
28.9
300
0.05
18.9
MMSZ30
5R
28.50
30
31.50
80
27.8
32.0
300
0.05
21.0
MMSZ33
5X
31.35
33
34.65
80
30.8
35.0
325
0.05
23.1
MMSZ36
5Y
34.20
36
37.80
90
33.8
38.0
350
0.05
25.2
MMSZ39
5Z
37.05
39
40.95
130
36.7
41.0
350
0.05
27.3
MMSZ43
6A
40.85
43
45.15
150
39.7
46.0
375
0.05
30.1
MMSZ47
6B
44.65
47
49.35
170
43.7
50.0
375
0.05
32.9
MMSZ51
6C
48.45
51
53.55
180
47.6
54.0
400
0.05
35.7
MMSZ56
6D
53.20
56
58.80
200
51.5
60.0
425
0.05
39.2
MMSZ62
6E
58.00
62
66.00
200
-
-
-
0.2
47
MMSZ68
6F
64.00
68
72.00
250
-
-
-
0.2
52
MMSZ75
6H
70.00
75
79.00
300
-
-
-
0.2
57
Notes :
(1) The type number shown have a standard tolerance of ±5% on the nominal Zener Voltage.
(2) Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1ms.
(3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC)=0.1IZ(DC), with the AC frequency = 1 kHz.
Page 3 of 3
Rev. 02 : March 22, 2006
(Ω)
IR @ VR
Marking
VZ1
(1, 2)
VZ2
(1, 2)
@ IZT1 = 2 mA
@ IZT2 = 0.1 mA
(V)
(Ω)
(V)
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com