Electronic Components Datasheet Search
  English  ▼

X  

MMSZ10 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MMSZ10
Description  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MMSZ10 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MMSZ10 Datasheet HTML 1Page - EIC discrete Semiconductors MMSZ10 Datasheet HTML 2Page - EIC discrete Semiconductors MMSZ10 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMSZ2V4 - MMSZ75
VZ : 2.4 to 75 V
PD : 500 mW
FEATURES :
* Total Power Dissipation 500 mW on FR-4 or FR-5 Board
* Wide Zener Reverse Voltage Range 2.4 V to 75 V
* Package Designed for Optimal Automated Board Assembly
* Small Package Size for High Density Applications
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-123
* Weight : 0.01 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specifie.
Symbol
Value
Unit
Total Power Dissipation on FR-5 Board,
PD
mW
(Note 1), at TL = 75 °C
500
Derated above 75
°C
6.7
mW/°C
Thermal Resistance Junction to Ambient
RӨJA
340
°C/W
Thermal Resistance Junction to Lead
RӨJL
150
°C/W
Junction Temperature Range
TJ
-55 to + 150
°C
Storage Temperature Range
TSTG
-55 to + 150
°C
Note :
(1) FR-5 = 3.5 x 1.5 inches
Page 1 of 3
Rev. 02 : March 22, 2006
Parameter
ZENER DIODES
3.9
3.7
2.7
2.6
Dimensions in millimeters
SOD-123
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - MMSZ10

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ10 CDIL-MMSZ10 Datasheet
313Kb / 5P
ZENER VOLTAGE REGULATOR DIODES
logo
SUNMATE electronic Co.,...
MMSZ10 SUNMATE-MMSZ10 Datasheet
387Kb / 3P
500mW Surface Mount Zener Diodes
MMSZ10 SUNMATE-MMSZ10 Datasheet
596Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MMSZ10ET1 ONSEMI-MMSZ10ET1 Datasheet
78Kb / 6P
Zener Voltage Regulators
June, 2004 ??Rev. 1
MMSZ10ET1 ONSEMI-MMSZ10ET1 Datasheet
81Kb / 7P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
More results

Similar Description - MMSZ10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com