Electronic Components Datasheet Search
  English  ▼

X  

ADM222ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM222ARZ
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM222ARZ Datasheet(HTML) 3 Page - Analog Devices

  ADM222ARZ Datasheet HTML 1Page - Analog Devices ADM222ARZ Datasheet HTML 2Page - Analog Devices ADM222ARZ Datasheet HTML 3Page - Analog Devices ADM222ARZ Datasheet HTML 4Page - Analog Devices ADM222ARZ Datasheet HTML 5Page - Analog Devices ADM222ARZ Datasheet HTML 6Page - Analog Devices ADM222ARZ Datasheet HTML 7Page - Analog Devices ADM222ARZ Datasheet HTML 8Page - Analog Devices ADM222ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
ADM222/ADM232A/ADM242
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
V+ . . . . . . . . . . . . . . . . . . . . . . . . . . . (VCC – 0.3 V) to +13 V
V– . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –13 V
Input Voltages
TIN
. . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
RIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . (V+, +0.3 V) to (V–, –0.3 V)
ROUT . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
Power Dissipation N-16 . . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7.5 mW/
°C above 70°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-16N . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above 70°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-16W . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above 70°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 80°CW
Power Dissipation N-18 . . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above 70°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 80°C/W
Power Dissipation R-18W . . . . . . . . . . . . . . . . . . . . . 400 mW
(Derate 7 mW/
°C above 70°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 80°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Test Circuits
V–
V+
0V
VOUT
3V
VIN
tPHLT
tPLHT
Figure 1. Transmitter Propagation Delay Timing
0.8V
3V
3.5V
RECEIVER
OUTPUT
EN
INPUT
0V
tER
Figure 2. Receiver Enable Timing
tPHLR
tPLHR
GND
VCC
50%
VIN
VOUT
3V
0V
Figure 3. Receiver Propagation Delay Timing
VOH – 0.5V
RECEIVER
OUTPUT
EN
INPUT
VOL + 0.5V
VOH
VOL
0V
3V
tDR
Figure 4. Receiver Disable Timing
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com