Electronic Components Datasheet Search
  English  ▼

X  

ADM222ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM222ARZ
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM222ARZ Datasheet(HTML) 2 Page - Analog Devices

  ADM222ARZ Datasheet HTML 1Page - Analog Devices ADM222ARZ Datasheet HTML 2Page - Analog Devices ADM222ARZ Datasheet HTML 3Page - Analog Devices ADM222ARZ Datasheet HTML 4Page - Analog Devices ADM222ARZ Datasheet HTML 5Page - Analog Devices ADM222ARZ Datasheet HTML 6Page - Analog Devices ADM222ARZ Datasheet HTML 7Page - Analog Devices ADM222ARZ Datasheet HTML 8Page - Analog Devices ADM222ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV.
–2–
ADM222/ADM232A/ADM242–SPECIFICATIONS
(VCC = 5 V
10%. C1–C4 = 0.1
F; all spec-
ifications TMIN to TMAX unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RS-232 TRANSMITTERS
Output Voltage Swing
±5
±9
V
All Transmitter Outputs Loaded with
3 k
Ω to Ground
Input Logic Threshold Low, VINL
1.7
0.8
V
TIN
Input Logic Threshold High, VINH
2.4
1.7
V
TIN
Logic Pull-Up Current
12
40
µATIN = 0 V
Data Rate
200
kB/s
Output Resistance
300
Ω
VCC = V+ = V– = 0 V, VOUT =
±2 V
Output Short Circuit Current (Instantaneous)
±10
mA
RS-232 RECEIVERS
RS-232 Input Voltage Range
–30
+30
V
RS-232 Input Threshold Low
0.8
1.2
V
RS-232 Input Threshold High
1.6
2.4
V
RS-232 Input Hysteresis
0.2
0.4
1.0
V
VCC = 5 V
RS-232 Input Resistance
3
5
7
k
Ω
TA = 0
°C to 85°C
TTL/CMOS Output Voltage Low, VOL
0.05
0.4
V
IOUT = 3.2 mA
TTL/CMOS Output Voltage High, VOH
3.5
V
IOUT = –1.0 mA
TTL/CMOS Output Short-Circuit Current
–2
–85
mA
Source Current (VOUT = GND)*
TTL/CMOS Output Short-Circuit Current
10
35
mA
Sink Current (VOUT = VCC)*
TTL/CMOS Output Leakage Current
±0.05 ±10
µA
SHDN = GND/EN = V
CC
0 V
≤ VOUT ≤ VCC
EN Input Threshold Low, V
INL
1.4
0.8
V
EN Input Threshold High, V
INH
2.0
1.4
V
POWER SUPPLY
Power Supply Current
4
8
mA
No Load
13
mA
3 k
Ω Load on Both Outputs
Shutdown Power Supply Current
0.1
10
µA
SHDN Input Leakage Current
±1
µA
SHDN Input Threshold Low, V
INL
1.4
0.8
V
SHDN Input Threshold High, V
INH
2.0
1.4
V
AC CHARACTERISTICS
Transition Region Slew Rate
3
8
30
V/
µsCL = 50 pF to 1000 pF, RL = 3 kΩ to 7 kΩ
Measured from +3 V to –3 V or –3 V to +3 V
Transmitter Propagation Delay TTL to RS-232
0.85
3.5
µst
PHLT
1.0
3.5
µstPLHT
Receiver Propagation Delay RS-232 to TTL
0.1
0.5
µstPHLR
0.3
0.5
µst
PLHR
Receiver Output Enable Time
125
500
ns
tER
Receiver Output Disable Time
160
500
ns
tDR
Transmitter Output Enable Time
250
µs
SHDN Goes High
Transmitter Output Disable Time
3.5
µs
SHDN Goes Low
Transmitter + to – Propagation Delay Difference
150
ns
Receiver + to – Propagation Delay Difference
200
ns
*Guaranteed by design, not production tested.
Specifications subject to change without notice.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com