Electronic Components Datasheet Search
  English  ▼

X  

ZMY75 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ZMY75
Description  ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMY75 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ZMY75 Datasheet HTML 1Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 2Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 3Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Zener Voltage
(1)
Dynamic
Temp. Coeff. Of
Test
Reverse Voltage
Asmissible
at IZT
Resistance at
Zener Voltage at IZT
Current
at IR =0.5µA
Zener Current
(2)
IZT , f = 1kHz
α
VZ (10
-4/
°C)
IZT
VR
IZ
min.
max.
rzj (
Ω)
min.
max.
(mA)
VR (V)
(mA)
ZMY3.9
3.7
4.1
4(<7)
-7
2
100
-
203
ZMY4.3
4.0
4.6
4(<7)
-7
3
100
-
182
ZMY4.7
4.4
5.0
4(<7)
-7
4
100
-
165
ZMY5.1
4.8
5.4
2(<5)
-6
5
100
>0.7
150
ZMY5.6
5.2
6.0
1(<2)
-3
5
100
>1.5
135
ZMY6.2
5.8
6.6
1(<2)
-1
6
100
>2.0
128
ZMY6.8
6.4
7.2
1(<2)
0
7
100
>3.0
110
ZMY7.5
7.0
7.9
1(<2)
0
7
100
>5.0
100
ZMY8.2
7.7
8.7
1(<2)
3
8
100
>6.0
89
ZMY9.1
8.5
9.6
2(<4)
3
8
50
>7.0
82
ZMY10
9.4
10.6
2(<4)
5
9
50
>7.5
74
ZMY11
10.4
11.6
3(<7)
5
10
50
>8.5
66
ZMY12
11.4
12.7
3(<7)
5
10
50
>9.0
60
ZMY13
12.4
14.1
4(<9)
5
10
50
>10
55
ZMY15
13.8
15.8
4(<9)
5
10
50
>11
49
ZMY16
15.3
17.1
5(<10)
7
11
25
>12
44
ZMY18
16.8
19.1
5(<11)
7
11
25
>14
40
ZMY20
18.8
21.2
6(<12)
7
11
25
>15
36
ZMY22
20.8
23.3
7(<13)
7
11
25
>17
34
ZMY24
22.8
25.6
8(<14)
7
12
25
>18
29
ZMY27
25.1
28.9
9(<15)
7
12
25
>20
27
ZMY30
28
32
10(<20)
7
12
25
>22.5
25
ZMY33
31
35
11(<20)
7
12
25
>25
22
ZMY36
34
38
25(<60)
7
12
10
>27
20
ZMY39
37
41
30(<60)
8
12
10
>29
18
ZMY43
40
46
35(<80)
8
13
10
>32
17
ZMY47
44
50
40(<80)
8
13
10
>35
15
ZMY51
48
54
45(<100)
8
13
10
>38
14
ZMY56
52
60
50(<100)
8
13
10
>42
13
ZMY62
58
66
60(<130)
8
13
10
>47
11
ZMY68
64
72
65(<130)
8
13
10
>51
10
ZMY75
70
79
70(<160)
8
13
10
>569
ZMY82
77
88
80(<160)
8
13
10
>618
ZMY91
85
96
120(<250)
9
13
5
>68
7.5
ZMY100
94
106
130(<250)
9
13
5
>757
Notes: (1) Tested with pulses tp = 5ms
(2) Valid provided that electrodes are kept at ambient temperature
For devices in glass case MELF with higher Zener voltage but same power dissipation see types ZMU100 … ZMU180
Page 2 of 4
Rev. 03 : May 11, 2005
Type
Vz (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com