Electronic Components Datasheet Search
  English  ▼

X  

ZMY75 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # ZMY75
Description  ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ZMY75 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  ZMY75 Datasheet HTML 1Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 2Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 3Page - EIC discrete Semiconductors ZMY75 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZMY3.9 - ZMY100
ZENER DIODES
VZ : 3.9 to 100V
PD : 1W
FEATURES :
• Silicon planar power zener diodes
• For use in stabilizing and clipping circuits with
higher power rating.
• These diodes are also available in the DO-41
case with the type designation ZPY3.6… ZPY100.
• Pb / RoHS Free
MECHANICAL DATA :
* Case : MELF Glass Case
* Weight : 0.25 g (approx.)
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation
PD
1
(1)
W
Thermal Resistance Junction to Ambient Air
RθJA
170
(1)
°C/W
Thermal Resistance Junction to Case (Typ.)RθJC
60
°C/W
Junction temperature
TJ
175
°C
Storage temperature range
TS
-65 to + 175
°C
Notes: (1) Valid provided that electrodes are kept at ambient temperature
Page 1 of 4
Rev. 03 : May 11, 2005
Parameter
Dimensions in inches and ( millimeters )
MELF
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark
Mounting Pad Layout
0.256 (6.50)
REF
0.049 (1.25)Min.
0.157 (4.00)
Max.
0.118 (3.00)Min.


Similar Part No. - ZMY75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY75 SEMTECH-ZMY75 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY75 GE-ZMY75 Datasheet
205Kb / 5P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMY75 GOOD-ARK-ZMY75 Datasheet
346Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Diotec Semiconductor
ZMY75 DIOTEC-ZMY75 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Vishay Siliconix
ZMY75 VISHAY-ZMY75 Datasheet
157Kb / 6P
Zener Diodes
12-Jan-05
More results

Similar Description - ZMY75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com