Electronic Components Datasheet Search
  English  ▼

X  

XRT72L53 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT72L53
Description  THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L53 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT72L53 Datasheet HTML 17Page - Exar Corporation XRT72L53 Datasheet HTML 18Page - Exar Corporation XRT72L53 Datasheet HTML 19Page - Exar Corporation XRT72L53 Datasheet HTML 20Page - Exar Corporation XRT72L53 Datasheet HTML 21Page - Exar Corporation XRT72L53 Datasheet HTML 22Page - Exar Corporation XRT72L53 Datasheet HTML 23Page - Exar Corporation XRT72L53 Datasheet HTML 24Page - Exar Corporation XRT72L53 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 467 page
background image
XRT72L53
áç
áç
áç
áç
THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
REV. P1.1.7
PRELIMINARY
21
F18
TxNIBClk[0]/
SndFCS[0]
O
I
Transmit Nibble Clock Output Signal/Transmit HDLC - SEND
FRAME CHECK SEQUENCE Input - Channel 0:
The exact function of this input pin depends upon whether Channel 0
has been configured to operate in the “High-Speed HDLC Controller”
Mode, or not.
Non-High Speed HDLC Controller Mode - Transmit Nibble Clock
output signal - Channel 0:
If the user opts to operate Channel 0 in the “Nibble-Parallel” mode, then
the XRT72L53 Framer IC will derive this clock signal from either the
“TxInClk[0]” or the “RxLineClk[0]” signal (depending upon which signal
is selected as the timing reference).
The user is advised to configure the Terminal Equipment to output the
“outbound” payload data (to the XRT72L53 Framer IC) onto the
“TxNib[3:0][0]” input pins, upon the rising edge of this clock signal.
NOTES:
1. For DS3 applications, the XRT72L53 Framer IC will output 1176
clock edges (to the Terminal Equipment) for each “outbound”
DS3 frame.
2. For E3, ITU-T G.832 applications, the XRT72L53 Framer IC will
output 1074 clock edges (to the Terminal Equipment) for each
“outbound” E3 frame.
3. For E3, ITU-T G.751 applications, the XRT72L53 Framer IC will
output 384 clock edges (fo the Terminal Equipment) for each
“outbound” E3 frame.
High-Speed HDLC Controller Mode - SEND FRAME CHECK
SEQUENCE Input - Channel 0:
The Terminal Equipment is expected to pull this input pin “High” when-
ever the “FCS bytes” are being transmitted, after transmitting a valid
HDLC message.
F19
RxSer[0]/
RxIdle[0]
O
Receive Serial Output/Receive Flag Sequence Output - Channel 0
The exact function of this output pin depends upon whether Channel 0
is operating in the “High-Speed HDLC Controller” Mode, or not.
Non High Speed HDLC Controller Mode - Channel 0:
If the user opts to operate Channel 0 in the serial mode, then the chip
will output the payload data, of the incoming DS3 or E3 frames, via this
pin. Channel 0 will output this data upon the rising edge of RxClk[0].
The user is advised to design the Terminal Equipment such that it will
sample this data on the falling edge of RxClk[0].
NOTE: This signal is only active if the NibInt input pin is pulled "Low".
High Speed HDLC Controller Mode - Receive Flag Sequence Indi-
cator - Channel 0:
This pin will go high indicating the idle period of sent HDLC data pack-
ets. Also, in combination with ValFCS[0] it can indicate error conditions.
PIN DESCRIPTION CONNECTED PINS
PIN #PIN NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com