Electronic Components Datasheet Search
  English  ▼

X  

USB-3100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-3100
Description  USB Voltage and Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-3100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-3100 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB-3100 Series
Block Diagrams
Microcontroller
DIO
8 Channels
SPI
SPI
Full-Speed
USB 2.0
Compliant
Interface
SYNCLD
1
1
1
High-Drive
Analog Voltage
Output
8
D/A
D/A
D/A
D/A
4
4
4
High-Drive
Analog Voltage
Output
4
High-Drive
Analog Voltage
Output
4
High-Drive
Analog Voltage
Output
4
4
4
USB
1
Event Counter
(32-bit)
5 V Regulated
Power Supply
Microcontroller
High-Speed
USB 2.0
Compliant
Interface
AO 0
COM
AO 2
COM
AO 3
COM
AO 1
COM
USB
Overvoltage Short-circuit
Protection
Isolated
DAC
Amp
Overvoltage Short-circuit
Protection
Isolated
DAC
Amp
Overvoltage Short-circuit
Protection
Isolated
DAC
Amp
Overvoltage Short-circuit
Protection
Isolated
DAC
Amp
USB-3101FS Block Diagram
USB-3114 Block Diagram
With 16 channels of high-drive analog voltage output, the USB-3114 contains a superset of the analog output features of
these USB-3100 Series devices:
• USB-3110: 4 voltage output channels
• USB-3112: 8 voltage output channels



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com