Electronic Components Datasheet Search
  English  ▼

X  

USB-3100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-3100
Description  USB Voltage and Current Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-3100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-3100 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-3100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-3100 Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-3100 Series
Analog Output
All USB-3100 Series devices provide either
four, eight, or 16 channels of 16-bit ana-
log output.
USB-3101FS: Each channel has a fixed
±10 V voltage output range. Outputs can
be updated individually or simultane-
ously. Each channel has a D/A converter
(DAC) that produces a voltage signal. Each
channel also has ±30 V overvoltage and
indefinite short-circuit protection. The
USB-3101FS has 250 Vrms channel-to-
ground isolation that protects the device
and computer from ground spikes and
ensures a reliable data stream, making
it suitable for high-voltage applications.
All Other USB-3100 Series Devices: Each
channel is software-selectable for either a
bipolar voltage output range of ±10 V or
a unipolar range of 0 V to 10 V. Channel
outputs can be updated individually or
simultaneously.
Current Output
(USB-3102/3104/3106 Only)
These devices provide 0 mA to 20 mA
of current output. Each DAC controls a
voltage/current channel pair simultane-
ously. Each channel pair can be updated
individually or simultaneously.
Digital I/O
All USB-3100 Series devices except the
USB-3101FS have eight bidirectional
DIO lines. All digital pins are floating by
default. A screw terminal connection is
provided to configure for pull-up (+5 V)
or pull-down (0 V).
Counter Input
Each USB-3100 Series device except for
the USB-3101FS has a 32-bit event coun-
ter for counting TTL pulses. The counter
increments when the TTL levels transition
from low to high. The counter accepts
frequency inputs of up to 1 MHz.
USB Voltage and Current Output
TheUSB-3101FSincludes4simultaneousoutput
channels with 250 Vrms channel-to-ground
isolation.
USB-3100 Series Selection Chart
Model
Voltage
Output
Update
Rate
Current
Output
DIO
Counter/
Timer
Isolation
USB-3101
4
100 S/s
—
8
1
—
USB-3102
4
100 S/s
4
8
1
—
USB-3103
8
100 S/s
—
8
1
—
USB-3104
8
100 S/s
8
8
1
—
USB-3105
16
100 S/s
—
8
1
—
USB-3106
16
100 S/s
16
8
1
—
USB-3110
4 high-drive
100 S/s
—
8
1
—
USB-3112
8 high-drive
100 S/s
—
8
1
—
USB-3114
16 high-drive
100 S/s
—
8
1
—
USB-3101FS
4
100 kS/s
—
—
—
250 Vrms
ch-to-gnd
The USB-3100 Series provides up to 16
voltage/current output channels, with some
devices offering high-drive analog outputs.
Features
• 4, 8, or 16 analog outputs
• 16-bit resolution
• Update rates from 100 S/s to
100 kS/s
• 4, 8, or 16 analog current
outputs available
• High-drive output available
• Digital I/O, counter/timer
available
• Synchronous update available
Supported Operating Systems
• Windows®
11/10/8/7/Vista®XP
32/64-bit
• Linux® (except for USB-3101FS)
Overview
The USB-3100 Series are voltage and current output USB 2.0 full-speed devices.
Each device provides four, eight, or 16 voltage outputs. The USB-3102/3104/3106
also provide four, eight, or 16 current outputs. All devices provide synchronous
and concurrent voltage updates. All USB-3100 Series devices except the USB-3101FS
provide eight digital I/O lines and one 32-bit event counter.
Synchronous DAC Updates
All USB-3100 Series devices except the
USB-3101FS have a synchronous DAC
load connection pin that simultaneously
updates DAC outputs on multiple devices.
You can configure this with software as
an input (slave mode) or as an output
(master mode).


Similar Part No. - USB-3100

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-31SA25MB COOLGEAR-USB-31SA25MB Datasheet
508Kb / 2P
B SATA 2.5 HDD Enclosure
More results

Similar Description - USB-3100

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
73G-OV5 GRAYHILL-73G-OV5 Datasheet
114Kb / 2P
Analog Voltage and Current Output Modules
logo
Texas Instruments
LP2996MRX-NOPB TI-LP2996MRX-NOPB Datasheet
1Mb / 26P
Source and Sink Current, Low Output Voltage Offset
logo
SHANGHAI BELLING CO., L...
BL2556 BELLING-BL2556 Datasheet
469Kb / 4P
1A USB Load Current Switch with 5V Output Voltage Limit
logo
WAGO Kontakttechnik Gmb...
2857-535 WAGO-2857-535 Datasheet
699Kb / 11P
Temperature signal conditioner; Current and voltage output signal
857-569 WAGO-857-569 Datasheet
843Kb / 12P
Power signal conditioner; Current and voltage input signal; Current and voltage output signal
857-560 WAGO-857-560 Datasheet
859Kb / 12P
Voltage signal conditioner; Voltage input signal; Current and voltage output signal;
857-551 WAGO-857-551 Datasheet
1,020Kb / 17P
Current signal conditioner; Current input signal; Current and voltage output signal;
857-550 WAGO-857-550 Datasheet
1Mb / 18P
Current signal conditioner; Current input signal; Current and voltage output signal;
857-500 WAGO-857-500 Datasheet
1Mb / 13P
Frequency signal conditioner; Current and voltage output signal;
857-420 WAGO-857-420 Datasheet
680Kb / 10P
Isolation amplifier; Current input signal; Current and voltage output signal;
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com