Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  High-Speed Multifunction DAQ with Synchronous I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-1602HS and USB-1604HS Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
High-Speed Multifunction DAQ with Synchronous I/O
Analog Input
The USB-1602HS/USB-1602HS-2AO has
two analog inputs and the USB-1604HS/
USB-1604HS-2AO has four. Each input
has a dedicated 16-bit ADC that provides
true simultaneous sampling per channel.
The input range is software-selectable for
±10 V, ±2.5 V, or ±500 mV. The sample
rate is 2 MS/s for the USB-1602HS and
USB-1602HS-2AO, and 1.33 MS/s for the
USB-1604HS and USB-1604HS-2AO, per
channel. Users can pace analog input
operations with the internal A/D pacer
clock or with an external clock.
Analog Output
USB-1602HS-2AO and USB-1604HS-2AO
provide two independent, 16-bit, analog
outputs. Each analog output can continu-
ously output a waveform at up to 1 MHz.
Users can clock the output operation with
the internal output scan clock or with an
external clock. The internal analog input
clock can pace both the analog input and
output simultaneously.
Digital I/O
The digital I/O lines are configured as
16 inputs and 16 outputs. Users can pace
digital operations with the onboard scan
clock or with an external source.
Digital input scanning
Digital input ports can be read synchro-
nously along with analog channels in a
scan, or asynchronously before, during,
or after an analog input scan. The digital
inputs can sustain rates up to 8 MS/s for
one channel, when no analog channels
are sampled. When analog channels are
also sampled, the rate is 1.33 MS/s for
the USB-1604HS and USB-1604HS-2AO,
and 2 MS/s for the USB-1602HS and USB-
1602HS-2AO.
Digital output scanning
Digital outputs can be updated asynchro-
nously at any time before, during, or after
an acquisition.
Users can generate a digital pattern up
to 4 MS/s. Digital pattern generation
is clocked using the output scan clock.
The USB-1602HS and USB-1604HS Series provides high-speed simultaneous sampling.
Signals connect to BNC (front) and SCSI (rear) connectors. The USB-1604HS-2AO is shown here.
USB-1602HS and USB-1604HS Series Selection Chart
Model
Analog
Input
Sample Rate
per Channel
(max)
Analog
Output
Digital
I/O
Counter
Input
Quadrature
Encoders
USB-1602HS
2 SE
2 MS/s
0
16 input
16 output
4
3
USB-1602HS-2AO
2 SE
2 MS/s
2
16 input
16 output
4
3
USB-1604HS
4 SE
1.33 MS/s
0
16 input
16 output
4
3
USB-1604HS-2AO
4 SE
1.33 MS/s
2
16 input
16 output
4
3
Features
• 16-bit high-speed USB devices
• Simultaneous analog, digital,
and counter sampling
• Sample rates up to 2 MS/s per
channel
• Up to four analog inputs
• Up to two analog outputs
• 16 digital inputs and 16 digital
outputs
• One digital trigger input
• Four counter inputs
• Two timer/pulse outputs
• Three quadrature detectors
• Input and output pacer clocks
• External trigger and clock
inputs
• SCSI and BNC connectors
• 10 watt external power supply
Supported Operating Systems
• Windows®
11/10/8/7/Vista®XP
32/64-bit
Overview
The USB-1602HS and USB-1604HS Series are high speed devices that can sample
analog, digital, and counter inputs simultaneously, while generating analog out-
puts (when supported) and digital patterns at the same time.
Digital patterns can be generated with
waveforms; both are paced by the same
selected clock. The onboard clock gener-
ates updates ranging from once every
1000 seconds to 1 MHz, independent of
the rate.


Similar Part No. - TRACERDAQPRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
1Mb / 8P
High-Speed Counter/Timer Devices with Digital I/O
April 2018. Rev 8
More results

Similar Description - TRACERDAQPRO

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0006 MOLEXKITS-76650-0006 Datasheet
38Kb / 2P
SMT High Speed I/O
logo
National Instruments Co...
DAQPAD-6015 NI-DAQPAD-6015 Datasheet
150Kb / 3P
Portable High-Performance Multifunction DAQ for USB
NIPXI-6232 NI-NIPXI-6232 Datasheet
604Kb / 14P
Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
NIPXI-6238 NI-NIPXI-6238 Datasheet
587Kb / 14P
Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
HIGH SPEED I/O SYSTEM
HDMR-29-01-S-SM-TR SAMTEC-HDMR-29-01-S-SM-TR Datasheet
334Kb / 1P
HIGH SPEED I/O RECEPTACLES
logo
Keysight Technologies
L4452A KEYSIGHT-L4452A Datasheet
1Mb / 10P
L4452A Multifunction with Digital I/O, D/A, Totalizer
logo
Axiomtek Co., Ltd.
AX92350 AXIOMTEK-AX92350 Datasheet
279Kb / 1P
Real-Time Vision I/O Card with Multifunction
logo
List of Unclassifed Man...
USB-1608G ETC-USB-1608G Datasheet
1Mb / 6P
16-Bit High-Speed Multifunction DAQ Devices
April 2018. Rev 9
logo
National Instruments Co...
780055-01 NI-780055-01 Datasheet
3Mb / 32P
DAQ DEVICE MULTIFUNC I/O USB 2.0
2022.10.07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com