Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT75R06
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT75R06 Datasheet HTML 9Page - Exar Corporation XRT75R06 Datasheet HTML 10Page - Exar Corporation XRT75R06 Datasheet HTML 11Page - Exar Corporation XRT75R06 Datasheet HTML 12Page - Exar Corporation XRT75R06 Datasheet HTML 13Page - Exar Corporation XRT75R06 Datasheet HTML 14Page - Exar Corporation XRT75R06 Datasheet HTML 15Page - Exar Corporation XRT75R06 Datasheet HTML 16Page - Exar Corporation XRT75R06 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
10
C9
T8
D12
R11
C11
R9
RLOL_0
RLOL_1
RLOL_2
RLOL_3
RLOL_4
RLOL_5
O
Receive Loss of Lock - Channel 0:
Receive Loss of Lock - Channel 1:
Receive Loss of Lock - Channel 2:
Receive Loss of Lock - Channel 3:
Receive Loss of Lock - Channel 4:
Receive Loss of Lock - Channel 5:
This output pin toggles "High" if a Loss of Lock Condition is detected. LOL
(Loss of Lock) condition occurs if the recovered clock frequency deviates from
the Reference Clock frequency (available at either E3CLK or DS3CLK or STS-
1CLK input pins) by more than 0.5%.
L16
RXA
****
External Resistor of 3.01K
Ω ± 1%.
Should be connected between RxA and RxB for internal bias.
K16
RXB
****
External Resistor of 3.01K
Ω ±1%.
Should be connected between RxA and RxB for internal bias.
P12
ICT
I
In-Circuit Test Input:
Setting this pin "Low" causes all digital and analog outputs to go into a high-
impedance state to allow for in-circuit testing. For normal operation, tie this pin
"High".
NOTE: This pin is internally pulled up.
R12
TEST
****
Factory Test Pin
NOTE: This pin must be connected to GND for normal operation.
MICROPROCESSOR INTERFACE
LEAD #
SIGNAL NAME
TYPE
DESCRIPTION
K3
CS
I
Chip Select
Tie this “Low” to enable the communication with the Microprocessor Interface.
R1
PCLK
I
Processor Clock Input
To operate the Microprocessor Interface, appropriate clock frequency is pro-
vided through this pin. Maximum frequency is 66 Mhz.
K2
WR
I
Write Data :
To write data into the registers, this active low signal is asserted.
L2
RD
I
Read Data:
To read data from the registers, this active low pin is asserted.
J3
RESET
I
Register Reset:
Setting this input pin "Low" resets the contents of the Command Registers to
their default settings and default operating configuration
NOTE: This pin is internally pulled up.
L3
PMODE
I
Processor Mode Select:
When this pin is tied “High”, the microprocessor is operating in synchronous
mode which means that clock must be applied to the PCLK (pin 55).
Tie this pin “Low” to select the Asynchronous mode. An internal clock is pro-
vided for the microprocessor interface.
CONTROL AND ALARM INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com