Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT75R06
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT75R06 Datasheet HTML 35Page - Exar Corporation XRT75R06 Datasheet HTML 36Page - Exar Corporation XRT75R06 Datasheet HTML 37Page - Exar Corporation XRT75R06 Datasheet HTML 38Page - Exar Corporation XRT75R06 Datasheet HTML 39Page - Exar Corporation XRT75R06 Datasheet HTML 40Page - Exar Corporation XRT75R06 Datasheet HTML 41Page - Exar Corporation XRT75R06 Datasheet HTML 42Page - Exar Corporation XRT75R06 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
36
5.1.2
E3 Jitter Tolerance Requirements
ITU-T G.823 standard specifies that the clock and data recovery unit must be able to tolerate jitter up to certain
specified limits. Figure 28 shows the tolerance curve.
As shown in the Figures above, in the jitter tolerance measurement, the dark line indicates the minimum level
of jitter that the E3/DS3/STS-1 compliant component must tolerate. Table 8 below shows the jitter amplitude
versus the modulation frequency for various standards.
FIGURE 27. INPUT JITTER TOLERANCE FOR DS3/STS-1
FIGURE 28. INPUT JITTER TOLERANCE FOR E3
0.01
0.03
15
1.5
0.3
2
20
0.15
JITTER FREQUENCY (kHz)
10
5
0.3
100
0.1
GR-253
STS-1
GR-499
Cat II
GR-499
Cat I
64
41
XRT75R06
0.1
1.5
1
10
JITTER FREQUENCY (kHz)
800
ITU-T G.823
64
10
0.3
XRT75R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com