Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06DIB Datasheet(PDF) 32 Page - Exar Corporation

Part # XRT75R06DIB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06DIB Datasheet(HTML) 32 Page - Exar Corporation

Back Button XRT75R06DIB Datasheet HTML 28Page - Exar Corporation XRT75R06DIB Datasheet HTML 29Page - Exar Corporation XRT75R06DIB Datasheet HTML 30Page - Exar Corporation XRT75R06DIB Datasheet HTML 31Page - Exar Corporation XRT75R06DIB Datasheet HTML 32Page - Exar Corporation XRT75R06DIB Datasheet HTML 33Page - Exar Corporation XRT75R06DIB Datasheet HTML 34Page - Exar Corporation XRT75R06DIB Datasheet HTML 35Page - Exar Corporation XRT75R06DIB Datasheet HTML 36Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
XRT75R06D
áç
áç
áç
áç
REV. 1.0.0
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
27
4.2
Transmit Clock
The Transmit Clock applied via TxClk_n pins, for the selected data rate (for E3 = 34.368 MHz, DS3 = 44.736
MHz or STS-1 = 51.84 MHz), is duty cycle corrected by the internal PLL circuit to provide a 50% duty cycle
clock to the pulse shaping circuit. This allows a 30% to 70% duty cycle Transmit Clock to be supplied.
4.3
B3ZS/HDB3 ENCODER
When the Single-Rail (NRZ) data format is selected, the Encoder Block encodes the data into either B3ZS
format (for either DS3 or STS-1) or HDB3 format (for E3).
4.3.1
B3ZS Encoding
An example of B3ZS encoding is shown in Figure 19. If the encoder detects an occurrence of three
consecutive zeros in the data stream, it is replaced with either B0V or 00V, where ‘B’ refers to Bipolar pulse
that is compliant with the Alternating polarity requirement of the AMI (Alternate Mark Inversion) line code and
‘V’ refers to a Bipolar Violation (e.g., a bipolar pulse that violates the AMI line code). The substitution of B0V or
00V is made so that an odd number of bipolar pulses exist between any two consecutive violation (V) pulses.
This avoids the introduction of a DC component into the line signal.
4.3.2
HDB3 Encoding
An example of the HDB3 encoding is shown in Figure 20. If the HDB3 encoder detects an occurrence of four
consecutive zeros in the data stream, then the four zeros are substituted with either 000V or B00V pattern. The
substitution code is made in such a way that an odd number of pulses exist between any consecutive V pulses.
This avoids the introduction of DC component into the analog signal.
FIGURE 18. DUAL-RAIL DATA FORMAT (ENCODER AND DECODER ARE DISABLED)
FIGURE 19. B3ZS ENCODING FORMAT
TxClk
TPData
TNData
Data
1
1
0
00
0
1
1
1
1
1
1
1
V
B
V
1
0
00
00
0
0
0
0
0
0
0
00
0
V
BV
0
00
TClk
Line
Signal
TPDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com