Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06DIB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT75R06DIB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06DIB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT75R06DIB Datasheet HTML 45Page - Exar Corporation XRT75R06DIB Datasheet HTML 46Page - Exar Corporation XRT75R06DIB Datasheet HTML 47Page - Exar Corporation XRT75R06DIB Datasheet HTML 48Page - Exar Corporation XRT75R06DIB Datasheet HTML 49Page - Exar Corporation XRT75R06DIB Datasheet HTML 50Page - Exar Corporation XRT75R06DIB Datasheet HTML 51Page - Exar Corporation XRT75R06DIB Datasheet HTML 52Page - Exar Corporation XRT75R06DIB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
áç
áç
áç
áç
XRT75R06D
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.0
44
7.1
THE MICROPROCESSOR INTERFACE BLOCK SIGNALS
The LIU may be configured into different operating modes and have its performance monitored by software
through a standard microprocessor using data, address and control signals. These interface signals are de-
scribed below in Table 12. The microprocessor interface can be configured to operate in Asynchronous mode
or Synchronous mode.
TABLE 12: XRT75R06D MICROPROCESSOR INTERFACE SIGNALS
PIN NAME
TYPE
DESCRIPTION
Pmode
I
Microprocessor Interface Mode Select Input pin
This pin is used to specify the microprocessor interface mode.
D[7:0]
I/O
Bi-Directional Data Bus for register "Read" or "Write" Operations.
Addr[7:0]
I
Eight-Bit Address Bus Inputs
The XRT75R06D LIU microprocessor interface uses a direct address bus. This address bus is
provided to permit the user to select an on-chip register for Read/Write access.
CS
I
Chip Select Input
This active low signal selects the microprocessor interface of the XRT75R06D LIU and
enables Read/Write operations with the on-chip register locations.
RD
I
Read Signal This active low input functions as the read signal from the local
µP. When this
pin is pulled “Low” (if CS is “Low”) the LIU is informed that a read operation has been
requested and begins the process of the read cycle.
WR
I
Write Signal This active low input functions as the write signal from the local
µP. When this
pin is pulled “Low” (if CS is “Low”) the LIU is informed that a write operation has been
requested and begins the process of the write cycle.
RDY
O
Ready Output This active low signal is provided by the LIU device. It indicates that the cur-
rent read or write cycle is complete, and the LIU is waiting for the next command.
INT
O
Interrupt Output This active low signal is provided by the LIU to alert the local mP that a
change in alarm status has occured. This pin is Reset Upon Read (RUR) once the alarm sta-
tus registers have been cleared.
RESET
I
Reset Input This active low input pin is used to Reset the LIU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com