Electronic Components Datasheet Search
  English  ▼

X  

XRT79L74 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT79L74
Description  4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L74 Datasheet(HTML) 2 Page - Exar Corporation

  XRT79L74 Datasheet HTML 1Page - Exar Corporation XRT79L74 Datasheet HTML 2Page - Exar Corporation XRT79L74 Datasheet HTML 3Page - Exar Corporation XRT79L74 Datasheet HTML 4Page - Exar Corporation XRT79L74 Datasheet HTML 5Page - Exar Corporation XRT79L74 Datasheet HTML 6Page - Exar Corporation XRT79L74 Datasheet HTML 7Page - Exar Corporation XRT79L74 Datasheet HTML 8Page - Exar Corporation XRT79L74 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
XRT79L74
PRELIMINARY
REV. P1.0.0
4 - CHANNEL DS3/E3 ATM UNI/PPP COMBO IC
2
• Extraction of ATM cells from PLCP frame or directly
from E3 or DS3 frame
• Termination of PLCP frame
• Supports payload cell de-scrambling
TRANSMIT PACKET PROCESSING
• Inserts PPP packets into data stream
• Maps HDLC data stream directly into DS3 or E3
frame
• Extracts in-band messaging packets
• Supports CRC-16/32, HDLC flag and Idle
sequence generation
RECEIVE PACKET PROCESSING
• Extracts HDLC data stream from DS3 or E3 frame
• Inserts in-band messaging packets
• Detects and removes HDLC flags
UTOPIA/ SYSTEM INTERFACE
• 8/16 bit UTOPIA Level I and II and PPP Multi-PHY
Interface operating at 25, 33 or 50 MHz.
• Compliant with ATM Forum UTOPIA II interface
• Programmable FIFO size for both Transmit and
Receive direction
• Compliant to POS-PHY Level 2 interface
SERIAL INTERFACE
• Serial clock and data interface for accessing DS3/
E3 framer
• Serial clock and data interface for accessing cell/
packet processor
APPLICATIONS
• Digital Access and Cross Connect Systems
• 3G Base Stations
• DSLAMs
• Digital, ATM, WAN and LAN Switches
PRODUCT ORDERING INFORMATION
FIGURE 1. BLOCK DIAGRAM OF THE XRT79L74
TU-3
POH
Processor
Jitter
Attenuator
Rx DS3/
E3
Framer
PLCP &
Overhead
UTOPIA/
POS-PHY
Interface
HDLC
Controller
2
Receiver Block
JTAG Test Port
Clock &
Data
Recov ery
AGC/
Equalizer
RTIP
RRING
Transmitter Block
ATM Cell
Processor
or PPP
Processor
UTOPIA/
POS-PHY
Interface
ATM Cell
Processor
or PPP
Processor
HDLC
Controller
PLCP &
Overhead
Tx DS3/
E3
Framer
Jitter
Attenuator
Timing
Control
Pulse
Shaper
TTIP
TRING
Microprocessor Interface
12.288
MHz
ClkIN
Clock
Synthesizer
E3CLK
DS3CLK
Receive
Utopia
POS-PHY
Interface
Transmit
Utopia
POS-PHY
Interface
Channel 1 of 4
PRODUCT NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT79L74IB
456 Lead PBGA
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com